Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86192 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT86192
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86192 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT86192 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 16Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
HT86XXX
Rev. 1.70
16
May 6, 2004
H T 8 6 5 7 6 / H T 8 6 7 6 8 V v s . F C h a r t ( F o r 4 . 5 V )
V D D ( V )
1 0
8
6
4
2
2 . 4
2 . 6
2 . 8
3
3 . 2
3 . 4
3 . 6
3 . 8
4
4 . 2
4 . 4
4 . 6
4 . 8
5
5 . 2
4 . 5
8 M H z / 1 4 7 k W
4 M H z / 2 7 5 k W
6 M H z / 1 9 2 k W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com