Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT86192 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT86192
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86192 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT86192 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
HT86XXX
Rev. 1.70
22
May 6, 2004
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack and then
branching to subroutines at the specified location(s) in
the program memory. Only the program counter is
pushed onto the stack. The programmer must save the
contents of the register or status register (STATUS) in
advance if they are altered by an interrupt service pro-
gram which corrupts the desired control sequence.
External interrupt is triggered by a high-to-low/
low-to-high transition of INT pin which sets the related
interrupt request flag (EIF:bit 4 of INTC). When the inter-
rupt is enabled, and the stack is not full and the external
interrupt is active, a subroutine call to location 04H will
occur. The interrupt request flag (EIF) and EMI bits will
be cleared to disable other interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event counter 0 interrupt re-
quest flag (T0F:bit 5 of INTC), caused by a Timer/Event
Counter 0 overflow. When the interrupt is enabled, and
the stack is not full and the T0F bit is set, a subroutine
call to location 08H will occur. The related interrupt re-
quest flag (T0F) will be reset and the EMI bit cleared to
disable further interrupts.
The internal Timer/Event Counter 1 interrupt is initial-
ized by setting the Timer/Event Counter 1 interrupt re-
quest flag (T1F:bit 6 of INTC), caused by a Timer/Event
Counter 1 overflow. When the interrupt is enabled, and
the stack is not full and the T1F bit is set, a subroutine
call to location 0CH will occur. The related interrupt re-
quest flag (T1F) will be reset and the EMI bit cleared to
disable further interrupts.
The internal Timer Counter 2 interrupt is initialized by
setting the Timer Counter 2 interrupt request flag
(T2F:bit 0 of INTCH), caused by a Timer Counter 2 over-
flow. When the interrupt is enabled, and the stack is not
full and the T2F bit is set, a subroutine call to location
10H will occur. The related interrupt request flag (T2F)
will be reset and the EMI bit cleared to disable further in-
terrupts.
The internal Timer Counter 3 interrupt is initialized by
setting the Timer Counter 3 interrupt request flag
(T3F:bit 1 of INTCH), caused by a Timer Counter 3 over-
flow. When the interrupt is enabled, and the stack is not
full and the T3F bit is set, a subroutine call to location
14H will occur. The related interrupt request flag (T3F)
will be reset and the EMI bit cleared to disable further in-
terrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledges are held until the RETI instruction
is executed or the EMI bit and the related interrupt con-
trol bit are set to 1 (of course, if the stack is not full). To
return from the interrupt subroutine, the RET or RETI in-
struction may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests,
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
The Timer/Event Counter 0/1 interrupt request flag
(T0F/T1F) which enables Timer/Event Counter 0/1 con-
trol bit (ET0I/ET1I), the Timer Counter 2/3 interrupt re-
quest flag (T2F/T3F) which enables Timer Counter 2/3
control bit (ET2I/ET3I), and external interrupt request
flag (EIF) which enables external interrupt control bit
(EEI) form the interrupt control register (INTC:0BH and
INTCH:1EH). EMI, EEI, ET0I, ET1I, ET2I, and ET3I are
used to control the enabling/disabling of interrupts.
These bits prevent the requested interrupt begin ser-
viced. Once the interrupt request flags (T0F, T1F, T2F,
T3F, EIF) are set, they will remain in the INTC/INTCH
register until the interrupts are serviced or cleared by a
software instruction.
It is recommended that application programs do not use
CALL subroutines within an interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only
one stack is left and the interrupt enable is not well con-
trolled, once a CALL subroutine if used in the interrupt
subroutine will corrupt the original control sequence.
Register Bit No. Label
Function
INTC
(0BH)
0
EMI
Controls the master (global)
interrupt
(1= enabled; 0= disabled)
1
EEI
Controls the external interrupt
(1= enabled; 0= disabled)
2
ET0I
Controls the timer 0 interrupt
(1= enabled; 0= disabled)
3
ET1I
Controls the timer 1 interrupt
(1= enabled; 0= disabled)
4
EIF
External interrupt request flag
(1= active; 0= inactive)
5
T0F
Timer 0 request flag
(1= active; 0= inactive)
6
T1F
Timer 1 request flag
(1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC0 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com