Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS4116 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # RLS4116
Description  Blue laser diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLS4116 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  RLS4116 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLS4116 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLS4116 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLS4116 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.roithner-laser.com
4
Safety Advice
Laser beam are extremely dangerous to human eyes. Never look
at laser beam directly and/or through optical lens. When handling the
LDs, wear appropriate safety glasses to prevent laser light, even any
reflections from entering to the eye. Focused laser beam through
optical instruments will increase the chance of eye hazard.
The LDs are classified in Class 3B of IEC60825-1 and 21 CFR Part
1040.10 Safety Standards. It is absolutely necessary to take overall
safety measures against User's modules, equipment and systems
into which these LDs are incorporated and/or integrated.
Operating Considerations
Operating the laser diode outside of its maximum ratings may cause failure or a safety hazard.
The diode may be damaged by excessive drive currents or switching transients. If the diode is
operated using a power supply, it is strongly recommended to connect the diode with the output
voltage set to zero. The voltage should then be increased slowly and with great caution, while at
the same time carefully monitoring the laser diodes output power and drive current. The laser
diode will show accelerated degradation with increased temperature, and it is therefor advised to
keep the case temperature low, by means of heat sinking the device.
Confirm that electrical spike current generated by switching on and off does not exceed the
maximum operating current level specified herein above as absolute max rating. Also, employ
appropriate countermeasures to reduce chattering and/or overshooting in the Circuit.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com