Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS4116 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLS4116
Description  Blue laser diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLS4116 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLS4116 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLS4116 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLS4116 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLS4116 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
RLS4116
Description
RLS4116 is a high quality and high reliability multi mode laser diode with emission wavelength of
typically 488 nm and an optical power of 60 mW. The 5.6 mm TO package with a cap and flat
window contains a built in monitor PD and Zener diode.
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Optical Output Power
PO
80
W
Allowed Reverse Current
IR (LD)
85
mA
PD Reverse Voltage
VR (PD)
5
V
Operating Temperature
TCASE
0
+60
°C
Storage Temperature
TSTG
-40
+85
°C
Soldering Temperature
TSOLD
250
°C
Laser Characteristics (T
CASE = 25°C, PO = 60 mW)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Emission Wavelength
λpeak
483
488
493
nm
Optical Output Power
PO
-
-
60
mW
Threshold Current
Ith
-
30
50
mA
Operating Current
IF
-
100
130
mA
Operating Voltage
VF
-
5.6
6.2
V
Beam Divergence (FWHM)
ӨII x Ө┴
7x20
10x23.5
13x27
deg.
Beam Pointing Accuracy
∆ӨII x ∆Ө┴
-2.5x-5.0
-
2.5x5.0
deg
Slope Efficiency
η
0.6
0.9
-
W/A
Monitor Current
IM
0.2
1.0
1.8
mA
v 1.1 3.07.2013


Similar Part No. - RLS4116

ManufacturerPart #DatasheetDescription
logo
Rohm
RLS4148 ROHM-RLS4148 Datasheet
59Kb / 2P
Switching diode
RLS4148 ROHM-RLS4148 Datasheet
78Kb / 3P
Switching diode
RLS4148 ROHM-RLS4148 Datasheet
75Kb / 3P
Switching diode
RLS4148TE11 ROHM-RLS4148TE11 Datasheet
75Kb / 3P
Switching diode
RLS4148 ROHM-RLS4148_1 Datasheet
78Kb / 3P
Switching diode
More results

Similar Description - RLS4116

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDB7112E NICHIA-NDB7112E Datasheet
269Kb / 3P
Blue Laser Diode
NDHB510APA NICHIA-NDHB510APA Datasheet
205Kb / 3P
Blue Laser Diode
NDB4116 NICHIA-NDB4116 Datasheet
370Kb / 3P
Blue Laser Diode
NDB4216E NICHIA-NDB4216E Datasheet
363Kb / 3P
Blue Laser Diode
logo
Roithner LaserTechnik G...
RHB510APA ROITHNER-RHB510APA Datasheet
664Kb / 4P
Blue Laser Diode
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
blue laser diode
LD-450-1600MG ROITHNER-LD-450-1600MG Datasheet
977Kb / 4P
blue laser diode
logo
NICHIA CORPORATION
NDB4216E-E NICHIA-NDB4216E-E Datasheet
145Kb / 3P
Blue Laser Diode
logo
Roithner LaserTechnik G...
RLT4XX-50CMG ROITHNER-RLT4XX-50CMG Datasheet
591Kb / 3P
Blue Laser Diode
SHD4580MG ROITHNER-SHD4580MG Datasheet
429Kb / 3P
Blue Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com