Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7652AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD7652AST
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7652AST Datasheet HTML 11Page - Analog Devices AD7652AST Datasheet HTML 12Page - Analog Devices AD7652AST Datasheet HTML 13Page - Analog Devices AD7652AST Datasheet HTML 14Page - Analog Devices AD7652AST Datasheet HTML 15Page - Analog Devices AD7652AST Datasheet HTML 16Page - Analog Devices AD7652AST Datasheet HTML 17Page - Analog Devices AD7652AST Datasheet HTML 18Page - Analog Devices AD7652AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7652
TEMPERATURE (°C)
–40
2.5000
02965-0-039
020
40
60
–20
80
120
2.4970
100
2.4980
2.4985
2.4990
2.4995
2.4975
Figure 17. Typical Reference Output Voltage vs. Temperature
REFERENCE DRIFT (ppm/°C)
–30
0
6
10
8
12
20
16
02965-0-040
–26 –22 –18 –14
14
–10 –6 –2 2
30
26
22
18
14
10
6
4
2
18
Figure 18. Reference Voltage Temperature Coefficient Distribution (100 Units)
CL (pF)
0
0
50
02966-0-035
200
50
100
150
10
30
40
20
OVDD= 5V @ 25°C
OVDD= 5V @ 85°C
OVDD= 2.7V @ 25°C
OVDD= 2.7V @ 85°C
Figure 19. Typical Delay vs. Load Capacitance CL
Rev. 0 | Page 14 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com