Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7652AST Datasheet(PDF) 18 Page - Analog Devices

Part # AD7652AST
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7652AST Datasheet HTML 14Page - Analog Devices AD7652AST Datasheet HTML 15Page - Analog Devices AD7652AST Datasheet HTML 16Page - Analog Devices AD7652AST Datasheet HTML 17Page - Analog Devices AD7652AST Datasheet HTML 18Page - Analog Devices AD7652AST Datasheet HTML 19Page - Analog Devices AD7652AST Datasheet HTML 20Page - Analog Devices AD7652AST Datasheet HTML 21Page - Analog Devices AD7652AST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD7652
Driver Amplifier Choice
TYPICAL CONNECTION DIAGRAM
Although the AD7652 is easy to drive, the driver amplifier needs
to meet the following requirements:
Figure 22 shows a typical connection diagram for the AD7652.
Analog Input
•
The driver amplifier and the AD7652 analog input circuit
must be able to settle for a full-scale step of the capacitor
array at a 16-bit level (0.0015%). In the amplifier’s data
sheet, settling at 0.1% to 0.01% is more commonly speci-
fied. This could differ significantly from the settling time at
a 16-bit level and should be verified prior to driver
selection. The tiny op amp AD8021, which combines
ultralow noise and high gain-bandwidth, meets this settling
time requirement even when used with gains up to 13.
Figure 23
Figure 23. Equivalent Analog Input Circuit
shows an equivalent circuit of the input structure of
the AD7652.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs IN and INGND. Care must be taken to ensure
that the analog input signal never exceeds the supply rails by
more than 0.3 V. This will cause these diodes to become
forward-biased and start conducting current. These diodes can
handle a forward-biased current of 100 mA maximum. For
instance, these conditions could eventually occur when the
input buffer’s (U1) supplies are different from AVDD. In such a
case, an input buffer with a short-circuit current limitation can
be used to protect the part.
•
The noise generated by the driver amplifier needs to be
kept as low as possible in order to preserve the SNR and
transition noise performance of the AD7652. The noise
coming from the driver is filtered by the AD7652 analog
input circuit 1-pole low-pass filter made by R1 and C2 or
by the external filter, if one is used.
C2
R1
D1
D2
C1
IN
OR INGND
AGND
AVDD
02965-0-008
•
The driver needs to have a THD performance suitable to
that of the AD7652.
The AD8021 meets these requirements and is appropriate for
almost all applications. The AD8021 needs a 10 pF external
compensation capacitor that should have good linearity as an
NPO ceramic or mica type.
This analog input structure allows the sampling of the
differential signal between IN and INGND. Unlike other
converters, INGND is sampled at the same time as IN. By using
this differential input, small signals common to both inputs are
rejected. For instance, by using INGND to sense a remote signal
ground, ground potential differences between the sensor and
the local ADC ground are eliminated.
The AD8022 could also be used if a dual version is needed and
gain of +1 is present. The AD829 is an alternative in
applications where high frequency (above 100 kHz)
performance is not required. In gain of 1 applications, it requires
an 82 pF compensation capacitor. The AD8610 is an option
when low bias current is needed in low frequency applications.
During the acquisition phase, the impedance of the analog input
IN can be modeled as a parallel combination of capacitor C1
and the network formed by the series connection of R1 and C2.
C1 is primarily the pin capacitance. R1 is typically 168 Ω and is
a lumped component made up of some serial resistors and the
on resistance of the switches. C2 is typically 60 pF and is mainly
the ADC sampling capacitor. During the conversion phase,
when the switches are opened, the input impedance is limited to
C1. R1 and C2 make a 1-pole low-pass filter that reduces
undesirable aliasing effect and limits the noise.
When the source impedance of the driving circuit is low, the
AD7652 can be driven directly. Large source impedances will
significantly affect the ac performance, especially total
harmonic distortion.
Rev. 0 | Page 17 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com