Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4167 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4167
Description  SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4167 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4167 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4167 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4167 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Jack Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4167 SMB jack bulkhead connector with solder cup terminal (.177 inch D hole) is part of our full line of RF
components available for same-day shipping. Our SMB jack connector operates up to a maximum frequency of 4 GHz and
offers good VSWR of 1.3:1. This SMB bulkhead connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMB jack bulkhead connector PE4167 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.606 in [15.39 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.008 lbs [3.63 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .177 inch D
Hole, Rear Mount PE4167
PE4167 REV 1.3
SMB Jack Bulkhead Mount Connector Solder Attachment
Solder Cup Terminal, .177 inch D Hole, Rear Mount
RF Connectors Technical Data Sheet
PE4167


Similar Part No. - PE4167

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4167 PASTERNACK-PE4167 Datasheet
257Kb / 3P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount
More results

Similar Description - PE4167

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4167 PASTERNACK-PE4167 Datasheet
257Kb / 3P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Rear Mount
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4169 PASTERNACK-PE4169_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170_16 Datasheet
348Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171_16 Datasheet
348Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4239 PASTERNACK-PE4239 Datasheet
355Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com