Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT30N50 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFT30N50
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT30N50 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFT30N50 Datasheet HTML 1Page - IXYS Corporation IXFT30N50 Datasheet HTML 2Page - IXYS Corporation IXFT30N50 Datasheet HTML 3Page - IXYS Corporation IXFT30N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
T
C - Degrees C
-50 -25
0
255075
100 125 150
0
8
16
24
32
40
V
GS - Volts
02468
0
10
20
30
40
50
T
J - Degrees C
25
50
75
100
125
150
0.8
1.2
1.6
2.0
2.4
2.8
I
D = 16A
V
DS - Volts
04
8
12
16
20
0
10
20
30
40
50
60
V
DS - Volts
0
4
8
12
16
20
0
10
20
30
40
50
60
70
80
5V
T
J = 125
OC
V
GS = 10V
T
J = 25
OC
T
J = 125
oC
6V
5V
6V
IXFH30N50
IXFH32N50
V
GS=10V
9V
8V
7V
V
GS=10V
9V
8V
7V
I
D = 32A
T
J = 25
oC
I
D - Amperes
0
1020
30405060
0.8
1.2
1.6
2.0
2.4
2.8
Tj=1250 C
Tj=250 C
V
GS = 10V
Figure 3. R
DS(on) normalized to 15A/25
OC vs. I
D
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 4. R
DS(on) normalized to 15A/25
OC vs. T
J
IXFH 30N50
IXFH 32N50
IXFT 30N50
IXFT 32N50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com