Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT30N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT30N50
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT30N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT30N50 Datasheet HTML 1Page - IXYS Corporation IXFT30N50 Datasheet HTML 2Page - IXYS Corporation IXFT30N50 Datasheet HTML 3Page - IXYS Corporation IXFT30N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
30N50
30
A
32N50
32
A
I
DM
T
C = 25°C
30N50
120
A
pulse width limited by T
JM
32N50
128
A
I
AR
T
C = 25°C
30N50
30
A
32N50
32
A
E
AS
T
C = 25°C
1.5
J
E
AR
I
D = 25°C
45
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J £ 150°C, RG = 2 W
P
D
T
C = 25°C
360
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
500
V
V
DSS
temperature coefficient
0.102
%/K
V
GS(th)
V
DS = VGS, ID = 4 mA
2
4
V
V
GS(th) temperature coefficient
-0.206
%/K
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 • VDSS
T
J =
25
°C
200
mA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 15A
32N50
0.15
W
30N50
0.16
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
High dv/dt, Low t
rr, HDMOS
TM Family
TO-247 AD (IXFH)
Features
• International standard packages
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
- easy to drive and to protect
• Fast intrinsic Diode
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• AC motor control
• Temperature and lighting controls
Advantages
• Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
• Space savings
• High power density
G = Gate,
D = Drain,
S = Source,
TAB = Drain
97518H (6/99)
V
DSS
I
D25
R
DS(on)
500 V
30 A
0.16
W
500 V
32 A
0.15
W
t
rr £ 250 ns
IXFH/IXFT 30N50
IXFH/IXFT 32N50
D (TAB)
TO-268 (D3) Case Style
(TAB)
G
S
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFT30N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT30N50P IXYS-IXFT30N50P Datasheet
326Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFT30N50Q3 IXYS-IXFT30N50Q3 Datasheet
138Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
More results

Similar Description - IXFT30N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com