Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH13N110 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH13N110
Description  MEGA MOS FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH13N110 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH13N110 Datasheet HTML 1Page - IXYS Corporation IXTH13N110 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1100
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1100
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C13
A
I
DM
T
C = 25°C, pulse width limited by TJM
52
A
P
D
T
C = 25°C
360
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD
N-Channel Enhancement Mode
IXTH 13N110 V
DSS
= 1100 V
MegaMOSTMFET
I
D25
= 13 A
R
DS(on)
= 0.92
Ω
Ω
Ω
Ω
Ω
G = Gate,
D = Drain,
S = Source,
TAB = Drain
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 3 mA
1100
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA
2
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C
500
µA
V
GS
= 0 V
T
J = 125°C3
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 • ID25
0.80
0.92
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Features
l
International standard package
JEDEC TO-247 AD
l
Low R
DS (on) HDMOS
TM process
l
Rugged polysilicon gate cell structure
l
Fast switching times
Applications
l
Switch-mode and resonant-mode
power supplies
l
Motor controls
l
Uninterruptible Power Supplies (UPS)
l
DC choppers
Advantages
l
Easy to mount with 1 screw
(isolated mounting screw hole)
l
Space savings
l
High power density
92781F (3/98)
D (TAB)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXTH13N110

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH13N110 ISC-IXTH13N110 Datasheet
368Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH13N110

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKV460 SANKEN-FKV460 Datasheet
13Kb / 1P
MOS FET
FKV460FP SANKEN-FKV460FP Datasheet
14Kb / 1P
MOS FET
FKV560 SANKEN-FKV560 Datasheet
14Kb / 1P
MOS FET
logo
List of Unclassifed Man...
MKV670 ETC-MKV670 Datasheet
28Kb / 1P
MOS FET
logo
IXYS Corporation
IXTK128N15 IXYS-IXTK128N15 Datasheet
80Kb / 2P
High Current Mega MOS FET
logo
Sanken electric
FKV460S SANKEN-FKV460S Datasheet
16Kb / 1P
MOS FET
FKV575 SANKEN-FKV575 Datasheet
325Kb / 9P
MOS FET
SKP253 SANKEN-SKP253 Datasheet
345Kb / 9P
MOS FET
logo
fujitsu semiconductor
FT6022D FUJITSU-FT6022D Datasheet
1,007Kb / 1P
MOS FET
logo
Renesas Technology Corp
H5N2507P RENESAS-H5N2507P Datasheet
126Kb / 7P
250V - 50A - MOS FET 250V - 50A - MOS FET
Sep 12, 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com