Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD08C Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # PLD08C
Description  ESD Protection Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

PLD08C Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  PLD08C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd PLD08C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd PLD08C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electronical characteristics per line @25 unless otherwise specified
Part No.
Rated
Stand-off
Voltage
VWM
Volts
Minimum
Breakdown
Voltage
@1mA
V(BR)
Volts
Maximum
Clamping
Voltage
@IP=1A
VC
Volts
Maximum
Clamping Volt-
age
@8/20us
VC@IPP
Maxi-
mum
Leakage
Current
@VWM
IR
uA
Maximum
Capacitance
@0V,1MHZ
C
pF
PLD03C
PLD05C
PLD08C
PLD12C
PLD15C
PLD18C
PLD24C
3.3
5.0
8.0
12.0
15.0
18.0
24.0
4.0
6.0
8.5
13.3
16.7
20.0
26.7
7.0
9.8
13.4
19.0
24.0
29.0
43.0
19.0V@20A
18.3V@17A
18.5V@17A
28.6V@11A
31.8V@10A
45.0V@8A
56.0V@6A
5
5
2
1
1
1
1
100
100
100
100
100
100
100
Rating and characteristic curve
PLD03C through PLD02C24C
E1402D4E-STD-FW-001
Futurewafer Tech Co., Ltd
ESD Protection Device
Electrical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com