Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD08C Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # PLD08C
Description  ESD Protection Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

PLD08C Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  PLD08C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd PLD08C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd PLD08C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Protection Device
Applications
●
Personnal Digital Assistance
●
Wireless System
●
Cellular Phones
●
High Speed Data Line
●
Ethernet
●
USB Interface
Feature
●
Bi-directional configurations
●
ESD Protection:Level 4
●
Low clamping voltage
●
350 Watts peak pulse power per line(tp=8/20uS)
●
Protection one power line or I/O port
SOD323
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):Level 4,Contact:±8kv,Air::±15kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):12A,8/20us
Mechanical Characteristics
●
Molded JEDEC SOD-323
●
Weight 5 milligrams
●
Flammability rating UL 94V-0
●
Halgen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us) see fig 1.
PPP
350
Watts
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
E1402D4E-STD-FW-001
PLD03C through PLD02C24C
Futurewafer Tech Co., Ltd


Similar Part No. - PLD08C

ManufacturerPart #DatasheetDescription
logo
Power-One
PLD08 POWER-ONE-PLD08 Datasheet
88Kb / 2P
PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UAA POWER-ONE-PLD08UAA Datasheet
88Kb / 2P
PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UAY POWER-ONE-PLD08UAY Datasheet
88Kb / 2P
PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UBA POWER-ONE-PLD08UBA Datasheet
88Kb / 2P
PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UBB POWER-ONE-PLD08UBB Datasheet
88Kb / 2P
PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
More results

Similar Description - PLD08C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
ESD Protection Device
logo
Micro Commercial Compon...
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
ESD Protection Device
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
ESD Protection Device
ESD12VD3BHE3 MCC-ESD12VD3BHE3 Datasheet
1Mb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD1524D3BHE3A MCC-ESD1524D3BHE3A Datasheet
3Mb / 4P
ESD Protection Device
Rev.3-1-11282022
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
ESD protection device
3 September 2021
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
ESD protection device
3 September 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com