Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR70 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # SR70
Description  Low Capacitance ESD array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SR70 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  SR70 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-off Voltage
VRWM
-
70
V
Reverse Breakdown Voltage
VBR
IZ=1mA
85
V
Reverse Leakage Current
IR
VR=5V
5
uA
Forward Voltage
VF
IF=15mA
1.15
V
Clamping Voltage
VC
IPP=1A tp=8/20us
IPP=10A,tp=8/20us
IPP=24A,tp=8/20us
1.5
3.3
7
V
Junction Capacitance
C I/O-I/O
Vdc=0V,f=1MHZ
3
pf
Junction Capacitance
C I/O-GND
Vdc=0V,f=1MHZ
5
10
pf
td-Pulse Width(us)
SR70
Low Capacitance ESD array
Electrical Characteristics
Rating and characteristic curve
FIGURE 1
Non-repetitive Peak pulse power V.S pulse time
Futurewafer Technology co., Ltd
E1601F4A-STD-FW-003



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com