Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR70 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # SR70
Description  Low Capacitance ESD array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SR70 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  SR70 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SR70 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Applications
●
USB power & Data line protection
●
Portable electronics
●
Video/graphic cards
●
WAN/LAN Equipment
●
Ethernet=10/100/1000 base T
Feature
●
Lead free as Standard
●
ESD Protection:Level 4
●
Low clamping voltage
●
Protection one power line and two data lines
SOT143
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):Level4 ,Contact:±8kv,Air::±15kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):24A,8/20us
Mechanical Characteristics
●
Molded JEDEC Sot-143
●
The Futurewafer® device will
meet IEC61000-4-2(ESD)
●
Flammability rating UL 94V-0
●
Halogen Free
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us) see fig 1.
PPP
150
Watts
Storage Temperature
TSTG
-55~150
°
C
Peak Pulse Current(tp=8/20us)
IPP
24
A
Electrostatic Discharge
VESD
>
8(Contact)
kv
Max.operating temperature
Tj
+
125
°
C
SR70
Low Capacitance ESD array
Device Characteristics
Pin
Identification
2,3
Input lines
4
VCC
1
Ground
①
②
③
④
Futurewafer Technology co., Ltd
E1601F4A-STD-FW-003


Similar Part No. - SR70

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70 Datasheet
207Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
logo
Semtech Corporation
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SR70 PROTEC-SR70 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
logo
Micro Commercial Compon...
SR70 MCC-SR70 Datasheet
301Kb / 4P
70 Volts ESD Protector
More results

Similar Description - SR70

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_08 Datasheet
576Kb / 7P
Ultra-Low Capacitance ESD Array
2008-10-29
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
FutureWafer Tech Co.,Lt...
SR70-5PF FUTUREWAFER-SR70-5PF Datasheet
720Kb / 5P
Low Capacitance ESD array
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
Low Capacitance ESD array
SR05A FUTUREWAFER-SR05A Datasheet
862Kb / 5P
Low Capacitance ESD array
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
Ultra Low Capacitance ESD Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com