Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3AF Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # US3AF
Description  3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

US3AF Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  US3AF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. US3AF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3MF
3KF
3JF
3GF
3DF
3BF
S
3AF
US3AF THRU US3MF
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
℃
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified.
•
Single phase, half wave, 60Hz, resistive or inductive load.
•
For capacitive load derate current by 20%.
SYMBOLS
US
U
US
US
US
US
US
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
At TL=105℃(NOTE 1)
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.0
1.3
1.7
Volts
TA = 25℃
10
Maximum DC Reverse Current
at rated DC Blocking Voltage at
TA = 125℃
IR
200
µA
Maximum Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
50
100
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
80
50
pF
RθJA
55
Typical Thermal Resistance (Note 1)
RθJL
17
℃
/W
Operating Junction Temperature
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Thermal resistance from Junction to ambient and from junction to lead mounted on
P.C.B. with 0.3×0.3″(8.0 × 8.0mm) copper pad areas.
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICS CO.,LTD.                        WWW.SDDZG.COM
1
0.179(4.40)
0.199(5.05)
0.150(3.80)
0.035(0.90)
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.128(3.25)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
Features
·
Glass Passivated Die Construction
·
Diffused Junction
·
Ultra-Fast Recovery Time for High Efficiency
·
Low Forward Voltage Drop, High Current
Capability, and Low Power Loss
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
MECHANICAL DATA
pprox. Weight:
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg 0.00086oz
XH


Similar Part No. - US3AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US3AF ETC2-US3AF Datasheet
565Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US3AF CHENDA-US3AF Datasheet
668Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US3AF YFWDIODE-US3AF Datasheet
104Kb / 3P
SURFACE MOUNT ULTRAFASTRECOVERY RECTIFIER
logo
Jiangsu High diode Semi...
US3AF HDSEMI-US3AF Datasheet
1Mb / 4P
MAF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
US3AF ZSELEC-US3AF Datasheet
95Kb / 2P
3.0A SURFACE MOUNT ULTRAFAST DIODE
More results

Similar Description - US3AF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
UF3A WTE-UF3A Datasheet
50Kb / 3P
3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
3.0A Surface Mount Ultra-Fast Rectifier
logo
Diodes Incorporated
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 5
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com