Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2773CDGS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2773CDGS
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2773CDGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2773CDGS Datasheet HTML 9Page - Texas Instruments TLV2773CDGS Datasheet HTML 10Page - Texas Instruments TLV2773CDGS Datasheet HTML 11Page - Texas Instruments TLV2773CDGS Datasheet HTML 12Page - Texas Instruments TLV2773CDGS Datasheet HTML 13Page - Texas Instruments TLV2773CDGS Datasheet HTML 14Page - Texas Instruments TLV2773CDGS Datasheet HTML 15Page - Texas Instruments TLV2773CDGS Datasheet HTML 16Page - Texas Instruments TLV2773CDGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
(continued)
PARAMETER
TEST
TA†
TLV277xI
TLV277xAI
UNIT
PARAMETER
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TLV2770
2.59
2.59
V(ON)
Turnon voltage level
TLV2773
AV = 5
25
°C
2.47
2.47
V
()
TLV2775
2.48
2.48
TLV2770
2.41
2.41
V(OFF)
Turnoff voltage level
TLV2773
AV = 5
25
°C
2.32
2.32
V
()
TLV2775
2.29
2.29
† Full range is – 40
°C to 125°C.
operating characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV277xI
TLV277xAI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VO(PP) =1 5V
CL = 100 pF
25
°C
5
10.5
5
10.5
SR
Slew rate at unity gain
VO(PP) = 1.5 V,
RL = 10 kΩ
CL = 100 pF,
Full
range
4.7
6
4.7
6
V/
µs
V
Equivalent input noise
f = 1 kHz
25
°C
17
17
nV/
√Hz
Vn
q
voltage
f = 10 kHz
25
°C
12
12
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
0.33
0.33
µV
VN(PP)
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
0.86
0.86
µV
In
Equivalent input noise
current
f = 100 Hz
25
°C
0.6
0.6
fA /
√Hz
Tt l h
i
R
600
Ω
AV = 1
0.005%
0.005%
THD + N
Total harmonic
distortion plus noise
RL = 600 Ω,
f=1kHz
AV = 10
25
°C
0.016%
0.016%
distortion lus noise
f = 1 kHz
AV = 100
0.095%
0.095%
Gain-bandwidth
product
f = 10 kHz,
CL = 100 pF
RL = 600 Ω,
25
°C
5.1
5.1
MHz
t
Settling time
AV = –1,
Step = 1.5 V to
35V
0.1%
25
°C
0.134
0.134
µs
ts
Settling time
3.5 V,
RL = 600 Ω,
CL = 100 pF
0.01%
25
°C
1.97
1.97
µs
φm
Phase margin at unity
gain
RL = 600 Ω,
CL = 100 pF
25
°C
46
°
46
°
Gain margin
L
,
L
25
°C
12
12
dB
Amplifier
TLV2770
AV = 5,
1.2
1.2
t(ON)
Am lifier
turnon
ti
TLV2773
AV = 5,
RL = Open,
M
d
50%
i
25
°C
2.4
2.4
µs
()
time
TLV2775
Measured to 50% point
1.9
1.9
Amplifier
TLV2770
AV = 5,
335
335
t(OFF)
Am lifier
turnoff
ti
TLV2773
AV = 5,
RL = Open,
M
d
50%
i
25
°C
444
444
ns
()
time
TLV2775
Measured to 50% point
345
345
† Full range is – 40
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com