Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2773CDGS Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2773CDGS
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2773CDGS Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLV2773CDGS Datasheet HTML 27Page - Texas Instruments TLV2773CDGS Datasheet HTML 28Page - Texas Instruments TLV2773CDGS Datasheet HTML 29Page - Texas Instruments TLV2773CDGS Datasheet HTML 30Page - Texas Instruments TLV2773CDGS Datasheet HTML 31Page - Texas Instruments TLV2773CDGS Datasheet HTML 32Page - Texas Instruments TLV2773CDGS Datasheet HTML 33Page - Texas Instruments TLV2773CDGS Datasheet HTML 34Page - Texas Instruments TLV2773CDGS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 46
60
40
20
0
50
30
10
10
CL – Load Capacitance – pF
1k
VDD = 5 V
RL = 600 Ω
TA = 25°C
100
10k
100K
PHASE MARGIN
vs
LOAD CAPACITANCE
90
70
80
Rnull = 0
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
Figure 47
15
25
35
40
20
30
10
CL – Load Capacitance – pF
1k
VDD = 5 V
RL = 600 Ω
TA = 25°C
100
10k
100K
GAIN MARGIN
vs
LOAD CAPACITANCE
0
10
5
Rnull = 0
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
Figure 48
VDD = 5 V
AV = 5
TA = 25°C
TLV2770
AMPLIFIER WITH SHUTDOWN PULSE
TURNON/OFF CHARACTERISTICS
6
0
–4
–8
–12
2
–2
–6
–10
–4
–20
2
8
t – Time –
µs
6
410
14
12
8
6
5
4
3
2
1
0
–1
4
7
SHDN = VDD
SHDN = GND
VO
Figure 49
TLV2773
AMPLIFIER WITH SHUTDOWN PULSE
TURNON/OFF CHARACTERISTICS
8
2
–2
–6
–10
4
0
–4
–8
–2.5
0
2.5
7.5
t – Time –
µs
510
15
12.5
8
6
5
4
3
2
1
0
–1
6
7
SHDN = VDD
VO
Channel 1
VDD = 5 V
AV = 5
TA = 25°C
Channel 1 Switched
Channel 2 SHDN MODE
SHDN = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com