Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2421 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2421
Description  Monolithic Triple Channel HDTV Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2421 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2421 Datasheet HTML 1Page - National Semiconductor (TI) LM2421 Datasheet HTML 2Page - National Semiconductor (TI) LM2421 Datasheet HTML 3Page - National Semiconductor (TI) LM2421 Datasheet HTML 4Page - National Semiconductor (TI) LM2421 Datasheet HTML 5Page - National Semiconductor (TI) LM2421 Datasheet HTML 6Page - National Semiconductor (TI) LM2421 Datasheet HTML 7Page - National Semiconductor (TI) LM2421 Datasheet HTML 8Page - National Semiconductor (TI) LM2421 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM2421
Monolithic Triple Channel HDTV Driver
General Description
The LM2421 is an integrated high voltage CRT driver circuit
designed for use in HDTV applications. The IC contains
three high input impedance, wide band amplifiers which
directly drive the RGB cathodes of a CRT. Each channel has
its gain internally set to −42 and can drive CRT capacitive
loads as well as resistive loads present in other applications,
limited only by the package’s power dissipation.
The IC is packaged in an industry standard 11-lead TO-220
molded plastic power package. See Thermal Considerations
section.
Features
n
0V to 5V input range
n
Stable with 0–20 pF capacitive loads and inductive
peaking networks
n
Convenient TO-220 staggered lead package style
n
Maintains standard LM240X Family pinout which is
designed for easy PCB layout
Applications
n
AC coupled HDTV applications using the 1080i and
720p formats as well as standard NTSC and PAL
formats.
Schematic and Connection Diagrams
DS200233-1
FIGURE 1. Simplified Schematic Diagram
(One Channel)
DS200233-2
Note: TabisatGND
Top View
Order Number LM2421TA
November 2001
© 2001 National Semiconductor Corporation
DS200233
www.national.com


Similar Part No. - LM2421

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM242-155.52M CONNOR-WINFIELD-LM242-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Similar Description - LM2421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2429 NSC-LM2429 Datasheet
723Kb / 12P
Monolithic Triple Channel 15 MHz DTV Driver
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
Monolithic Triple Channel High Swing CRT Driver
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
Triple-Channel HDTV Filters
Rev 1; 11/05
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Texas Instruments
LM2429 TI1-LM2429 Datasheet
901Kb / 15P
Monolithic Triple Channel 15 MHz DTV Driver
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
Monolithic Triple Channel High Swing CRT Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
Triple-Channel HDTV Filters
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com