Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1407 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 9Page - Linear Technology LTC1407 Datasheet HTML 10Page - Linear Technology LTC1407 Datasheet HTML 11Page - Linear Technology LTC1407 Datasheet HTML 12Page - Linear Technology LTC1407 Datasheet HTML 13Page - Linear Technology LTC1407 Datasheet HTML 14Page - Linear Technology LTC1407 Datasheet HTML 15Page - Linear Technology LTC1407 Datasheet HTML 16Page - Linear Technology LTC1407 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1407/LTC1407A
1407f
APPLICATIO S I FOR ATIO
INPUT RANGE
The analog inputs of the LTC1407/LTC1407A may be
driven fully differentially with a single supply. Either input
may swing up to 3V, provided the differential swing is no
greater than 2.5V. In the valid input range, the noninvert-
ing input of each channel should always be more positive
than the inverting input of each channel. The 0V to 2.5V
range is also ideally suited for single-ended input use with
single supply applications. The common mode range of
the inputs extend from ground to the supply voltage VDD.
If the difference between the CH0+ and CH0– inputs or the
CH1+ and CH1– inputs exceeds 2.5V, the output code will
stay fixed at all ones, and if this difference goes below 0V,
the ouput code will stay fixed at all zeros.
INTERNAL REFERENCE
The LTC1407/LTC1407A have an on-chip, temperature
compensated, bandgap reference that is factory trimmed
near 2.5V to obtain a precise 2.5V input span. The refer-
ence amplifier output VREF, (Pin 3) must be bypassed with
a capacitor to ground. The reference amplifier is stable with
capacitors of 1
µF or greater. For the best noise perfor-
mance, a 10
µF ceramic or a 10µF tantalum in parallel with
a 0.1
µF ceramic is recommended. The VREF pin can be
overdriven with an external reference as shown in Figure 2.
The voltage of the external reference must be higher than
the 2.5V of the open-drain P-channel output of the internal
reference. The recommended range for an external refer-
ence is 2.55V to VDD. An external reference at 2.55V will
see a DC quiescent load of 0.75mA and as much as 3mA
during conversion.
INPUT SPAN VERSUS REFERENCE VOLTAGE
The differential input range has a unipolar voltage span
that equals the difference between the voltage at the
reference buffer output VREF (Pin 3) and the voltage at the
Exposed Pad ground. The differential input range of ADC
is 0V to 2.5V when using the internal reference. The
internal ADC is referenced to these two nodes. This
relationship also holds true with an external reference.
DIFFERENTIAL INPUTS
The ADC will always convert the unipolar difference of
CH0+ minus CH0– or the unipolar difference of CH1+
minus CH1–, independent of the common mode voltage at
either set of inputs. The common mode rejection holds up
at high frequencies (see Figure 3.) The only requirement is
that both inputs not go below ground or exceed VDD.
Figure 2
LTC1407/
LTC1407A
VREF
GND
1407 F02
3
11
10
µF
3V REF
FREQUENCY (Hz)
–80
–40
0
–100
–60
–20
100
1k
1407 G08
–120
10k
100k
1M
10M
100M
CH0
CH1
Figure 3. CMRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com