Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1407 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1407
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 16Page - Linear Technology LTC1407 Datasheet HTML 17Page - Linear Technology LTC1407 Datasheet HTML 18Page - Linear Technology LTC1407 Datasheet HTML 19Page - Linear Technology LTC1407 Datasheet HTML 20Page - Linear Technology LTC1407 Datasheet HTML 21Page - Linear Technology LTC1407 Datasheet HTML 22Page - Linear Technology LTC1407 Datasheet HTML 23Page - Linear Technology LTC1407 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1407/LTC1407A
1407f
APPLICATIO S I FOR ATIO
.space
24*16
;68-7F; reserved area
**********************************************************************
*
(C) COPYRIGHT TEXAS INSTRUMENTS, INC. 1996
*
**********************************************************************
*
*
* File: BSPI1407A.ASM
BSP initialization code for the ‘C54x DSKplus
*
*
for use with 1407A in standard mode
*
*
BSPC and SPC seem interchangeable in the ‘C542
*
*
BSPCE and SPCE seem interchangeable in the ‘C542
*
**********************************************************************
.title “Buffered Serial Port Initialization Routine”
ON
.set 1
OFF
.set !ON
YES
.set 1
NO
.set !YES
BIT_8
.set 2
BIT_10
.set 1
BIT_12
.set 3
BIT_16
.set 0
GO
.set 0x80
**********************************************************************
* This is an example of how to initialize the Buffered Serial Port (BSP).
* The BSP is initialized to require an external CLK and FSX for
* operation. The data format is 16-bits, burst mode, with autobuffering
* enabled. Set the variables listed below to configure the BSP for
* your application.
*
*****************************************************************************************************
*LTC1407A timing with 40MHz crystal.
*
*10MHz, divided from 40MHz, forced to CLKIN by 1407A board.
*
*Horizontal scale is 6.25ns/chr or 25ns period at BCLKR
*
*BFSR
Pin J1-20 ~~\____/~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~\____/
~~~~~~~~~~~*
*BCLKR Pin J1-14 _/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/
~\_/~\_/~*
*BDR
Pin J1-26 _—_—_—<B13-B12-B11-B10-B09-B08-B07-B06-B05-B04-B03-B02-B01-B00>—_—<B13-
B12*
*CLKIN Pin J5-09 ~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/
~~~~~~~\_______/~~~~~*
*C542 read
0
B13 B12 B11 B10 B09 B08 B07 B06 B05 B04 B03 B02 B01 B00
0
0
B13 B12*
*
*
* negative edge BCLKR
* negative BFSR pulse
* no data shifted
* 1' cable from counter to CONV at DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com