Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M25P64
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M25P64 Datasheet HTML 8Page - STMicroelectronics M25P64 Datasheet HTML 9Page - STMicroelectronics M25P64 Datasheet HTML 10Page - STMicroelectronics M25P64 Datasheet HTML 11Page - STMicroelectronics M25P64 Datasheet HTML 12Page - STMicroelectronics M25P64 Datasheet HTML 13Page - STMicroelectronics M25P64 Datasheet HTML 14Page - STMicroelectronics M25P64 Datasheet HTML 15Page - STMicroelectronics M25P64 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
M25P64
12/38
Table 3. Memory Organization
Sector
Address Range
127
7F0000h
7FFFFFh
126
7E0000h
7EFFFFh
125
7D0000h
7DFFFFh
124
7C0000h
7CFFFFh
123
7B0000h
7BFFFFh
122
7A0000h
7AFFFFh
121
790000h
79FFFFh
120
780000h
78FFFFh
119
770000h
77FFFFh
118
760000h
76FFFFh
117
750000h
75FFFFh
116
740000h
74FFFFh
115
730000h
73FFFFh
114
720000h
72FFFFh
113
710000h
71FFFFh
112
700000h
70FFFFh
111
6F0000h
6FFFFFh
110
6E0000h
6EFFFFh
109
6D0000h
6DFFFFh
108
6C0000h
6CFFFFh
107
6B0000h
6BFFFFh
106
6A0000h
6AFFFFh
105
690000h
69FFFFh
104
680000h
68FFFFh
103
670000h
67FFFFh
102
660000h
66FFFFh
101
650000h
65FFFFh
100
640000h
64FFFFh
99
630000h
63FFFFh
98
620000h
62FFFFh
97
610000h
61FFFFh
96
600000h
60FFFFh
95
5F0000h
5FFFFFh
94
5E0000h
5EFFFFh
93
5D0000h
5DFFFFh
92
5C0000h
5CFFFFh
91
5B0000h
5BFFFFh
90
5A0000h
5AFFFFh
89
590000h
59FFFFh
88
580000h
58FFFFh
87
570000h
57FFFFh
86
560000h
56FFFFh
85
550000h
55FFFFh
84
540000h
54FFFFh
83
530000h
53FFFFh
82
520000h
52FFFFh
81
510000h
51FFFFh
80
500000h
50FFFFh
79
4F0000h
4FFFFFh
78
4E0000h
4EFFFFh
77
4D0000h
4DFFFFh
76
4C0000h
4CFFFFh
75
4B0000h
4BFFFFh
74
4A0000h
4AFFFFh
73
490000h
49FFFFh
72
480000h
48FFFFh
71
470000h
47FFFFh
70
460000h
46FFFFh
69
450000h
45FFFFh
68
440000h
44FFFFh
67
430000h
43FFFFh
66
420000h
42FFFFh
65
410000h
41FFFFh
64
400000h
40FFFFh
63
3F0000h
3FFFFFh
62
3E0000h
3EFFFFh
61
3D0000h
3DFFFFh
60
3C0000h
3CFFFFh
59
3B0000h
3BFFFFh
58
3A0000h
3AFFFFh
57
390000h
39FFFFh
Sector
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com