Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M25P64
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64 Datasheet(HTML) 1 Page - STMicroelectronics

  M25P64 Datasheet HTML 1Page - STMicroelectronics M25P64 Datasheet HTML 2Page - STMicroelectronics M25P64 Datasheet HTML 3Page - STMicroelectronics M25P64 Datasheet HTML 4Page - STMicroelectronics M25P64 Datasheet HTML 5Page - STMicroelectronics M25P64 Datasheet HTML 6Page - STMicroelectronics M25P64 Datasheet HTML 7Page - STMicroelectronics M25P64 Datasheet HTML 8Page - STMicroelectronics M25P64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1/38
PRELIMINARY DATA
February 2005
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M25P64
64 Mbit, Low Voltage, Serial Flash Memory
With 50MHz SPI Bus Interface
FEATURES SUMMARY
64Mbit of Flash Memory
Page Program (up to 256 Bytes) in 1.4ms
(typical)
Sector Erase (512Kbit)
Bulk Erase (64Mbit)
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
50MHz Clock Rate (maximum)
Electronic Signatures
JEDEC Standard Two-Byte Signature
(2017h)
RES Instruction, One-Byte, Signature
(16h), for backward compatibility
More than 100000 Erase/Program Cycles per
Sector
More than 20-Year Data Retention
Figure 1. Packages
VDFPN8 (ME)
8x6mm (MLP8)
SO16 (MF)
300 mils width


Similar Part No. - M25P64

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P64-VME6G STMICROELECTRONICS-M25P64-VME6G Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
logo
Numonyx B.V
M25P64-VME6G NUMONYX-M25P64-VME6G Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P64-VME6P STMICROELECTRONICS-M25P64-VME6P Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
More results

Similar Description - M25P64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
01-Oct-2004
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
05-Jun-2006
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
Numonyx B.V
M25P20 NUMONYX-M25P20 Datasheet
962Kb / 50P
2 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com