Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400BT Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29W400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400BT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29W400BT Datasheet HTML 9Page - STMicroelectronics M29W400BT Datasheet HTML 10Page - STMicroelectronics M29W400BT Datasheet HTML 11Page - STMicroelectronics M29W400BT Datasheet HTML 12Page - STMicroelectronics M29W400BT Datasheet HTML 13Page - STMicroelectronics M29W400BT Datasheet HTML 14Page - STMicroelectronics M29W400BT Datasheet HTML 15Page - STMicroelectronics M29W400BT Datasheet HTML 16Page - STMicroelectronics M29W400BT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
M29W400BT, M29W400BB
Figure 7. AC Testing Input Output Waveform
AI01417
3V
0V
1.5V
Figure 8. AC Testing Load Circuit
AI02762
0.8V
OUT
CL = 30pF or 100pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Table 12. Capacitance
(TA =25°C, f = 1MHz)
Note: Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6pF
COUT
Output Capacitance
VOUT =0V
12
pF
Table 11. AC Measurement Conditions
Parameter
M29W400B
55
70
90 / 120
VCC Supply Voltage
3.0 to 3.6V
2.7 to 3.6V
2.7 to 3.6V
Load Capacitance (CL)
30pF
30pF
100pF
Input Rise and Fall Times
≤ 10ns
≤ 10ns
≤ 10ns
Input Pulse Voltages
0 to 3V
0 to 3V
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com