Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400BT Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29W400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400BT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29W400BT Datasheet HTML 15Page - STMicroelectronics M29W400BT Datasheet HTML 16Page - STMicroelectronics M29W400BT Datasheet HTML 17Page - STMicroelectronics M29W400BT Datasheet HTML 18Page - STMicroelectronics M29W400BT Datasheet HTML 19Page - STMicroelectronics M29W400BT Datasheet HTML 20Page - STMicroelectronics M29W400BT Datasheet HTML 21Page - STMicroelectronics M29W400BT Datasheet HTML 22Page - STMicroelectronics M29W400BT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
M29W400BT, M29W400BB
Table 18. Ordering Information Scheme
Table 19. Daisy Chain Ordering Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M29W400BB
55
N
1
T
Device Type
M29
Operating Voltage
W=VCC = 2.7 to 3.6V
Device Function
400B = 4 Mbit (x8/x16), Boot Block
Array Matrix
T=TopBoot
B = Bottom Boot
Speed
55 = 55 ns
70 = 70 ns
90 = 90 ns
120 = 120 ns
Package
N = TSOP48: 12 x 20 mm
M = SO44
ZA = TFBGA48: 0.8mm pitch
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing
Example:
M29
DCL1-4
T
Device Type
M29
Daisy Chain
DCL1-4 = Daisy Chain Level 1 for 4 Mbit parts
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com