Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87Y Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41ST87Y
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87Y Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41ST87Y Datasheet HTML 12Page - STMicroelectronics M41ST87Y Datasheet HTML 13Page - STMicroelectronics M41ST87Y Datasheet HTML 14Page - STMicroelectronics M41ST87Y Datasheet HTML 15Page - STMicroelectronics M41ST87Y Datasheet HTML 16Page - STMicroelectronics M41ST87Y Datasheet HTML 17Page - STMicroelectronics M41ST87Y Datasheet HTML 18Page - STMicroelectronics M41ST87Y Datasheet HTML 19Page - STMicroelectronics M41ST87Y Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
M41ST87Y, M41ST87W
16/42
Tamper Connect Mode Bit (TCM1 and TCM2).
This bit indicates whether the position of the exter-
nal switch selected by the user is in the Normally
Open
(TCMX = '1')
or
Normally
Closed
(TCMX = '0') position (see Figure 14., page 16 and
Figure 16., page 17).
Tamper Polarity Mode Bits (TPM1 and TPM2).
The state of this bit indicates whether the Tamper
Pin Input will be taken high (to VOUT if TPMX = '1')
or low (to VSS if TPMX = '0') during a tamper event
(see
Figure
14., page 16
and
Figure
16., page 17).
Figure 14. Tamper Detect Connection Options
Note: These options are connected to those in Table 3.
Note: 1. If the CLRXEXT Bit is set, a second Tamper to VOUT (TPM2 = '1') during tCLR will not be detected.
2. If the CLRXEXT Bit is set, a second Tamper to VOUT (TPM2 = '1') will trigger automatically.
3. Optional external resistor to VCC allows the user to bypass sampling when power is “on.”
Table 3. Tamper Detection Truth Table
Note: 1. No battery current drawn during battery back-up.
Option
Mode
TCMX
TPMX
I
Normally Open/Tamper to GND(1)
10
II
Normally Open/Tamper to VOUT
(1)
11
III
Normally Closed/Tamper to GND
0
0
IV
Normally Closed/Tamper to VOUT
01
AI07075
TPIN
TAMPER HI
(TPMX = 1)
TAMPER LO
(TPMX = 0)
VOUT
(1)
TPIN
NORMALLY
CLOSED
(TCMX = 0)
NORMALLY
OPEN
(TCMX = 1)
I.
IV.
II.
III.
TPIN
VOUT
(2)
TCHI/TCLO = 0
1M
Ω
10M
Ω
TCHI/TCLO = 1
TCHI/TCLO = 0
TCHI/TCLO = 1
1M
Ω
10M
Ω
VOUT (Int)
VCC
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com