Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41ST87Y
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87Y Datasheet(HTML) 5 Page - STMicroelectronics

  M41ST87Y Datasheet HTML 1Page - STMicroelectronics M41ST87Y Datasheet HTML 2Page - STMicroelectronics M41ST87Y Datasheet HTML 3Page - STMicroelectronics M41ST87Y Datasheet HTML 4Page - STMicroelectronics M41ST87Y Datasheet HTML 5Page - STMicroelectronics M41ST87Y Datasheet HTML 6Page - STMicroelectronics M41ST87Y Datasheet HTML 7Page - STMicroelectronics M41ST87Y Datasheet HTML 8Page - STMicroelectronics M41ST87Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5/42
M41ST87Y, M41ST87W
SUMMARY DESCRIPTION
The M41ST87Y/W Serial TIMEKEEPER®/Con-
troller SRAM is a low power 1280-bit, static CMOS
SRAM organized as 160 bytes by 8 bits. A built-in
32.768 kHz oscillator (internal crystal-controlled)
and 8 bytes of the SRAM (see Table 7., page 25)
are used for the clock/calendar function and are
configured in binary coded decimal (BCD) format.
An additional 11 bytes of RAM provide calibration,
status/control of Alarm, Watchdog, Tamper, and
Square Wave functions. 8 bytes of ROM and final-
ly 128 bytes of User RAM are also provided. Ad-
dresses and data are transferred serially via a two
line, bi-directional I2C interface. The built-in ad-
dress register is incremented automatically after
each WRITE or READ data byte. The M41ST87Y/
W has a built-in power sense circuit which detects
power failures and automatically switches to the
battery supply when a power failure occurs. The
energy needed to sustain the SRAM and clock op-
erations can be supplied by a small lithium button-
cell supply when a power failure occurs.
Functions available to the user include a non-vol-
atile, time-of-day clock/calendar, Alarm interrupts,
Tamper Detection, Watchdog Timer, and pro-
grammable Square Wave output. Other features
include a Power-On Reset as well as two addition-
al debounced inputs (RSTIN1 and RSTIN2) which
can also generate an output Reset (RST). The
eight clock address locations contain the century,
year, month, date, day, hour, minute, second and
tenths/hundredths of a second in 24 hour BCD for-
mat. Corrections for 28, 29 (leap year), 30 and 31
day months are made automatically.
Security Features
Two fully independent Tamper Detection Inputs al-
low monitoring of multiple locations within the sys-
tem. Programmable bits provide both, “Normally
Open” and “Normally Closed” switch monitoring.
Time Stamping of the tamper event is automatical-
ly provided. There is also an option allowing data
stored in either internal memory (128 bytes), and/
or external memory to be cleared, protecting sen-
sitive information in the event tampering occurs.
By embedding the 32kHz crystal in the package,
the clock is completely isolated from external tam-
pering. An Oscillator Fail Bit (OF) is also provided
to ensure correct operation of the oscillator.
The M41ST87Y/W is supplied in a 28-pin, 300mil
SOIC package (MX) which includes an embedded
32kHz crystal.
The SOIC package is shipped in plastic anti-static
tubes or in Tape & Reel form.
The 300mil, embedded crystal SOIC requires only
a user-supplied battery to provide non-volatile op-
eration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com