Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4016 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4016
Description  QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4016 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4016 Datasheet HTML 1Page - STMicroelectronics M74HC4016 Datasheet HTML 2Page - STMicroelectronics M74HC4016 Datasheet HTML 3Page - STMicroelectronics M74HC4016 Datasheet HTML 4Page - STMicroelectronics M74HC4016 Datasheet HTML 5Page - STMicroelectronics M74HC4016 Datasheet HTML 6Page - STMicroelectronics M74HC4016 Datasheet HTML 7Page - STMicroelectronics M74HC4016 Datasheet HTML 8Page - STMicroelectronics M74HC4016 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC4016
2/11
LOGIC DIAGRAM
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
1, 4, 8, 11
1 to 4 I/O
Independent Inputs/Out-
puts
2, 3, 9, 10
1 to 4 O/I
Independent Outputs/
Inputs
13, 5, 6, 12
1C to 4C
Enable Inputs (Active
High)
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
CONTROL
SWITCH FUNCTION
HON
LOFF
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +13
V
VIN
DC Input Voltage
-0.5 to VCC + 0.5
V
VI/O
DC Input/Output Voltage
-0.5 to VCC + 0.5
V
IOK
Control Input DC Diode Current
± 20
mA
IIOK
I/O DC Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 12
V
VIN
Input Voltage (Control)
0 to VCC
V
VI/O
I/O Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
VCC = 6.0V
0 to 400
VCC = 10.0V
0 to 250



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com