Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4016 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4016
Description  QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4016 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4016 Datasheet HTML 1Page - STMicroelectronics M74HC4016 Datasheet HTML 2Page - STMicroelectronics M74HC4016 Datasheet HTML 3Page - STMicroelectronics M74HC4016 Datasheet HTML 4Page - STMicroelectronics M74HC4016 Datasheet HTML 5Page - STMicroelectronics M74HC4016 Datasheet HTML 6Page - STMicroelectronics M74HC4016 Datasheet HTML 7Page - STMicroelectronics M74HC4016 Datasheet HTML 8Page - STMicroelectronics M74HC4016 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HC4016
5/11
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA = 25°C)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion (THD)
4.5
4.5
fIN = 1 KHz RL = 10 KΩ, CL = 50 pF
0.118
%
9.0
9.0
0.042
12.0
12.0
0.032
fMAX
Frequency
Response
(Switch ON)
4.5
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50Ω, CL = 50 pF
23
MHz
9.0
38
12.0
42
Feed through
Attenuation (Switch
OFF)
4.5
VIN is centered at VCC/2. Adjust input for 0 dBm
RL = 600Ω CL = 50 pF, fIN = 1MHz sine wave
-50
dB
9.0
-50
12.0
-50
Crosstalk (Control
Input to Signal
Output)
4.5
RL = 600Ω, CL = 50 pF, fIN = 1MHz square wave (tr = tf =6ns)
8
mV
9.0
23
12.0
40
Crosstalk (Between
Any Switches)
4.5
Adjust VIN to Obtain 0 dBmat input
RL = 600Ω, CL = 50 pF, fIN = 1MHz sine wave
-50
dB
9.0
-50
12.0
-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com