Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51132FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M51132FP
Description  2ch Electronic Volume Balance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51132FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M51132FP Datasheet HTML 1Page - Renesas Technology Corp M51132FP Datasheet HTML 2Page - Renesas Technology Corp M51132FP Datasheet HTML 3Page - Renesas Technology Corp M51132FP Datasheet HTML 4Page - Renesas Technology Corp M51132FP Datasheet HTML 5Page - Renesas Technology Corp M51132FP Datasheet HTML 6Page - Renesas Technology Corp M51132FP Datasheet HTML 7Page - Renesas Technology Corp M51132FP Datasheet HTML 8Page - Renesas Technology Corp M51132FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M51132L/FP
Rev.1.0, Sep.05.2003, page 4 of 11
Electrical Characteristics
(Ta = 25°C, Vcc = 12 V, f = 1 kHz, Vi = 1 Vrms, Volume Max, unless otherwise noted)
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Circuit current
Icco
9
17
30
mA
In quiescent state, volume: min
ATTo
–2
0
+2
dB
Attenuation
Att-
∞
—
–105
–85
dB
Vi = 2 Vrms, IHF-A, volume: min
Channel balance
CB
–2
0
+2
dB
Total harmonic distortion
THD
—
0.01
0.1
%
15 kHz, LPF
Input resistor
Ri
5.0
150
—
k
Ω
Balance attenuation
BAL
—
–105
–85
dB
Vi = 2 Vrms, IHF-A
Nomin
—
4.8
10
µVrms Rg = 10 kΩ, in quiescent state, IHF-A,
volume: min
Output noise voltage
Nomax
—
9
20
µVrms Rg = 10 kΩ, in quiescent state, IHF-A
Maximum input voltage
Vimax
2
3.4
—
Vrms
THD = 1%, volume: center
Maximum output voltage
Vomax
2
3.4
—
Vrms
THD = 1%
Crosstalk
CT
—
–102
–80
dB
Rg = 0
Ω, Vi = 2 Vrms, IHF-A
Pass through voltage gain
GVP
–1.2
+0.8
+2.8
DB
Volume: min
Pass through channel balance
CBP
–2
0
+2
dB
Volume: min
Notes: 1. The volume max is the condition in which the same voltage as Vr is applied to pin 8.
2. The volume center is the condition in which the same voltage as Vr/2 is applied to pin 8.
3. The volume min is the condition in which pin 8 is connected to GND.
I/O Interface (M51132L)
Note: All resistors, voltages, and currents are shown in typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com