Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51132FP Datasheet (PDF) - Renesas Technology Corp

M51132FP Datasheet PDF - Renesas Technology Corp
Part # M51132FP
Download  M51132FP Download
File Size   342.26 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2ch Electronic Volume Balance

M51132FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M51132FP Datasheet PDF - Renesas Technology Corp

Part # M51132FP
Download  M51132FP Click to download

File Size   342.26 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2ch Electronic Volume Balance

M51132FP Datasheet (HTML) - Renesas Technology Corp


M51132FP Product details

The M51132 is a VCA (Voltage Controlled Amplifier) IC developed as an electronic volume control for audio-visual equipment. The IC is used to process small analog signals at the stage before power amplifier. Right/left independent volume control or right/left simultaneous volume control can be selected by DC voltages. Its built-in pass through function, in combination with an ALC amplifier, offers the capability of automatic level control.
Features
•  Two control modes can be selected.
(Left/right independent volume control mode or left/right simultaneous volume + balance control mode.)
•  Pass through switch is included to output the input signal as it is, irrespective of the volume/balance control voltages.
•  Shock noise reduction pin is provided to reduce pass through switch on/off shock noise.
•  Built-in reference supply voltage circuit: output current 10 mA (Typ.)
•  Maximum input: 3.4 Vrms (Typ.) (f = 1 kHz, THD = 1%)
•  Low distortion: 0.005% (Typ.)
•  Good channel separation: 102 dB (Typ.) (f = 1 kHz, Vo = 2 Vrms, IHF-A)




Similar Part No. - M51132FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51132FP MITSUBISHI-M51132FP Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
More results


Similar Description - M51132FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
2ch Electronic Volume with Surround
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
2ch Electronic Volume with Surround
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
2ch Electronic Volume
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
2ch Electronic Volume with Dynamic Bass Boost
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com