Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3962ES-2.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3962ES-2.5
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3962ES-2.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3962ES-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Connection Diagrams
10126604
Top View
SOT 223-5 Package
10126605
Top View
TO220-5 Package
Bent, Staggered Leads
10126606
Top View
TO263-5 Package
Pin Description for SOT223-5 Package
Pin #
LP3962
LP3965
Name
Function
Name
Function
1SD
Shutdown
SD
Shutdown
2V
IN
Input Supply
V
IN
Input Supply
3V
OUT
Output Voltage
V
OUT
Output Voltage
4
ERROR
ERROR Flag
SENSE/ADJ
Remote Sense Pin or
Output Adjust Pin
5
GND
Ground
GND
Ground
Pin Description for TO220-5 and TO263-5 Packages
Pin #
LP3962
LP3965
Name
Function
Name
Function
1SD
Shutdown
SD
Shutdown
2V
IN
Input Supply
V
IN
Input Supply
3
GND
Ground
GND
Ground
4V
OUT
Output Voltage
V
OUT
Output Voltage
5
ERROR
ERROR Flag
SENSE/ADJ
Remote Sense Pin or
Output Adjust Pin
Ordering Information
10126631
Package Type Designator is ’MP’ for SOT223 package, ’T’ for TO220 package, and ’S’ for TO263 package.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com