Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3962ES-2.5 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3962ES-2.5
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3962ES-2.5 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3962ES-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3962ES-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LP3962/LP3965
1.5A Fast Ultra Low Dropout Linear Regulators
General Description
The LP3962/LP3965 series of fast ultra low-dropout linear
regulators operate from a +2.5V to +7.0V input supply. Wide
range of preset output voltage options are available. These
ultra low dropout linear regulators respond very fast to step
changes in load which makes them suitable for low voltage
microprocessor applications. The LP3962/LP3965 are de-
veloped on a CMOS process which allows low quiescent
current operation independent of output load current. This
CMOS process also allows the LP3962/LP3965 to operate
under extremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 38mV
at 150mA load current and 380mV at 1.5A load current.
Ground Pin Current: Typically 5mA at 1.5A load current.
Shutdown Mode: Typically 15µA quiescent current when
the shutdown pin is pulled low.
Error Flag: Error flag goes low when the output voltage
drops 10% below nominal value (for LP3962).
SENSE: Sense pin improves regulation at remote loads.
(For LP3965)
Precision Output Voltage: Multiple output voltage options
are available ranging from 1.2V to 5.0V and adjustable
(LP3965), with a guaranteed accuracy of ±1.5% at room
temperature, and ±3.0% over all conditions (varying line,
load, and temperature).
Features
n
Ultra low dropout voltage
n
Low ground pin current
n
Load regulation of 0.04%
n
15µA quiescent current in shutdown mode
n
Guaranteed output current of 1.5A DC
n
Available in SOT-223,TO-263 and TO-220 packages
n
Output voltage accuracy ± 1.5%
n
Error flag indicates output status (LP3962)
n
Sense option improves better load regulation (LP3965)
n
Extremely low output capacitor requirements
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuits
10126601
*SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See applications
section for more information.
** See Application Hints.
November 2001
© 2001 National Semiconductor Corporation
DS101266
www.national.com


Similar Part No. - LP3962ES-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3962ES-2.5 TI-LP3962ES-2.5 Datasheet
4Mb / 34P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962ES-2.5/NOPB TI-LP3962ES-2.5/NOPB Datasheet
4Mb / 34P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3962ES-2.5EP NSC-LP3962ES-2.5EP Datasheet
897Kb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3962ES-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com