Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7674ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 15Page - Analog Devices AD7674ASTZ Datasheet HTML 16Page - Analog Devices AD7674ASTZ Datasheet HTML 17Page - Analog Devices AD7674ASTZ Datasheet HTML 18Page - Analog Devices AD7674ASTZ Datasheet HTML 19Page - Analog Devices AD7674ASTZ Datasheet HTML 20Page - Analog Devices AD7674ASTZ Datasheet HTML 21Page - Analog Devices AD7674ASTZ Datasheet HTML 22Page - Analog Devices AD7674ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7674
Data Sheet
Rev. B | Page 18 of 28
Analog Inputs
Figure 29 shows a simplified analog input section of the AD7674.
The diodes shown in Figure 29 provide ESD protection for the
inputs. Care must be taken to ensure that the analog input signal
never exceeds the absolute ratings on these inputs. This causes
these diodes to become forward biased and start conducting
current. These diodes can handle a forward-biased current of
120 mA max. This condition can eventually occur when the U1
or U2 supplies of the input buffer are different from AVDD. In
such a case, an input buffer with a short-circuit current
limitation can be used to protect the device.
IN+
IN–
AGND
AVDD
R+ = 102
Ω
CS
CS
R– = 102
Ω
03083-0-028
Figure 29. Simplified Analog Input
This analog input structure is a true differential structure. By
using these differential inputs, signals common to both inputs
are rejected as shown in Figure 30, which represents typical
CMRR over frequency.
FREQUECY (kHz)
66
64
50
100
1000
10000
1
10
62
60
58
56
54
52
03083-0-029
Figure 30. Analog Input CMRR vs. Frequency
During the acquisition phase for ac signals, the AD7674 behaves
like a 1-pole RC filter consisting of the equivalent resistance R+,
R–, and CS. The R+ and R– resistors are typically 102 Ω and are
lumped components made up of a serial resistor and the on
resistance of the switches. CS is typically 60 pF and mainly
consists of the ADC sampling capacitor. This 1-pole filter with a
−3 dB cutoff frequency of 26 MHz typ reduces any undesirable
aliasing effect and limits the noise coming from the inputs.
Because the input impedance of the AD7674 is very high, the
device can be driven directly by a low impedance source without
gain error. This allows the user to put an external 1-pole RC
filter between the amplifier output and the ADC analog inputs,
as shown in Figure 28, to improve the noise filtering done by the
AD7674 analog input circuit. However, the source impedance has
to be kept low because it affects the ac performance, especially
the total harmonic distortion (THD). The maximum source
impedance depends on the amount of THD that can be tolerated.
The THD degrades as a function of source impedance and the
maximum input frequency, as shown in Figure 31.
INPUT RESISTANCE (
Ω)
–95
–120
45
75
105
15
–100
–105
–110
–115
20kHz
10kHz
2kHz
03083-0-030
Figure 31. THD vs. Analog Input Frequency and Source Resistance
Driver Amplifier Choice
Although the AD7674 is easy to drive, the driver amplifier
needs to meet the following requirements:
•
The driver amplifier and the AD7674 analog input circuit
have to be able to settle for a full-scale step of the capacitor
array at an 18-bit level (0.0004%). In the amplifier data sheet,
settling at 0.1% or 0.01% is more commonly specified. This
can differ significantly from the settling time at an 18-bit
level and, therefore, should be verified prior to driver
selection. The tiny op amp AD8021, which combines
ultralow noise and high gain-bandwidth, meets this
settling time requirement.
•
The noise generated by the driver amplifier needs to be
kept as low as possible to preserve the SNR and transition
noise performance of the AD7674. The noise coming from
the driver is filtered by the AD7674 analog input circuit 1-
pole low-pass filter made by R+, R–, and CS. The SNR
degradation due to the amplifier is


=
π
+
2
)
(
625
25
log
20
N
3dB
–
LOSS
Ne
f
SNR
where:
f–3dB is the –3 dB input bandwidth in MHz of the AD7674
(26 MHz) or the cutoff frequency of the input filter, if used.
N is the noise factor of the amplifiers (1 if in buffer
configuration).
eN is the equivalent input noise voltage of each op amp in
nV/√Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com