Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7674ASTZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 17Page - Analog Devices AD7674ASTZ Datasheet HTML 18Page - Analog Devices AD7674ASTZ Datasheet HTML 19Page - Analog Devices AD7674ASTZ Datasheet HTML 20Page - Analog Devices AD7674ASTZ Datasheet HTML 21Page - Analog Devices AD7674ASTZ Datasheet HTML 22Page - Analog Devices AD7674ASTZ Datasheet HTML 23Page - Analog Devices AD7674ASTZ Datasheet HTML 24Page - Analog Devices AD7674ASTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7674
Data Sheet
Rev. B | Page 20 of 28
FREQUECY (kHz)
70
65
40
100
1000
10000
1
10
60
55
50
45
03083-0-032
Figure 33. PSRR vs. Frequency
POWER DISSIPATION VERSUS THROUGHPUT
In Impulse mode, the AD7674 automatically reduces its power
consumption at the end of each conversion phase. During the
acquisition phase, the operating currents are very low, which
allows for a significant power savings when the conversion rate
is reduced, as shown in Figure 34. This feature makes the AD7674
ideal for very low power battery applications. It should be noted
that the digital interface remains active even during the acquisition
phase. To reduce the operating digital supply currents even
further, the digital inputs need to be driven close to the power
rails (DVDD and DGND), and OVDD should not exceed
DVDD by more than 0.3 V.
SAMPLING RATE (SPS)
1000000
1M
100000
10000
1000
100
10
1
0.1
100k
10k
1k
100
1
WARP/NORMAL
10
PDBUF HIGH
03083-0-033
IMPULSE
Figure 34. Power Dissipation vs. Sample Rate
CONVERSION CONTROL
Figure 35 shows the detailed timing diagrams of the conversion
process. The AD7674 is controlled by the CNVST signal, which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by PD, until the conversion is complete. The
CNVST signal operates independently of CS and RD signals.
CNVST
t1
t2
MODE
ACQUIRE
CONVERT
ACQUIRE
CONVERT
t7
t8
BUSY
t4
t3
t5
t6
03083-0-034
Figure 35. Basic Conversion Timing
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges and levels with minimum
overshoot and undershoot or ringing.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This may be achieved by using a dedicated
oscillator for CNVST generation, or to clock it with a high
frequency low jitter clock, as shown in Figure 28.
In Impulse mode, conversions can be initiated automatically. If
CNVST is held low when BUSY goes low, the AD7674 controls
the acquisition phase and automatically initiates a new conversion.
By keeping CNVST low, the AD7674 keeps the conversion process
running by itself. Note that the analog input has to be settled
when BUSY goes low. Also, at power-up, CNVST should be
brought low once to initiate the conversion process. In this
mode, the AD7674 can sometimes run slightly faster than the
guaranteed limits of 570 kSPS in Impulse mode. This feature
does not exist in Warp or Normal modes.
DIGITAL INTERFACE
The AD7674 has a versatile digital interface; it can be interfaced
with the host system by using either a serial or parallel interface.
The serial interface is multiplexed on the parallel data bus. The
AD7674 digital interface also accommodates both 3 V and 5 V
logic by simply connecting the OVDD supply pin of the AD7674
to the host system interface digital supply. Finally, by using the
OB/2C input pin in any mode but 18-bit interface mode, both
twos complement and straight binary coding can be used.
The two signals, CS and RD, control the interface. When at least
one of these signals is high, the interface outputs are in high
impedance. Usually, CS allows the selection of each AD7674 in
multicircuit applications, and is held low in a single AD7674
design. RD is generally used to enable the conversion result on
the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com