Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4186 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4186
Description  SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4186 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4186 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4186 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4186 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Tab Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 18 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4186 SMA female 4 hole flange mount connector with solder attachment tab terminal (.340 inch hole spacing)
is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up to a
maximum frequency of 18 GHz. This SMA 4 hole flange connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMA female 4 hole flange connector PE4186 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
.
Mechanical Specifications
Size
Length
0.475 in [12.07 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.009 lbs [4.08 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole
Spacing PE4186
PE4186 REV 1.2
SMA Female Connector Solder Attachment 4 Hole
Flange Mount Tab Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4186


Similar Part No. - PE4186

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4186 PASTERNACK-PE4186 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
More results

Similar Description - PE4186

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4546 PASTERNACK-PE4546 Datasheet
295Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .718 inch Hole Spacing
PE4186 PASTERNACK-PE4186 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE44226 PASTERNACK-PE44226 Datasheet
204Kb / 2P
2.4mm Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126_16 Datasheet
323Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE45204 PASTERNACK-PE45204 Datasheet
329Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com