Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-47DXC-R Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCP-47DXC-R
Description  Failsafe TRANSFER Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-47DXC-R Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCP-47DXC-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CCP-47N Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-47N\072013\Q3
Series CCP-47D
Low PIM DC–3 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
FAILSAFE CCP-47D PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.
1
CCP-47DXC
2
CCP-47DXC-D
3
CCP-47DXC-DM
4
CCP-47DXC-DMS
5
CCP-47DXC-DR
6
CCP-47DXC-DRM
7
CCP-47DXC-DRMS
8
CCP-47DXC-DRS
9
CCP-47DXC-DS
10
CCP-47DXC-M
11
CCP-47DXC-MS
12
CCP-47DXC-R
13
CCP-47DXC-RM
14
CCP-47DXC-RMS
15
CCP-47DXC-RS
16
CCP-47DXC-S
17
CCP-47DXC-T
18
CCP-47DXC-TM
19
CCP-47DXC-TMS
20
CCP-47DXC-TS
21
CCP-47DX0
22
CCP-47DX0-D
23
CCP-47DX0-DM
24
CCP-47DX0-DMS
25
CCP-47DX0-DR
26
CCP-47DX0-DRM
27
CCP-47DX0-DRMS
28
CCP-47DX0-DRS
29
CCP-47DX0-DS
30
CCP-47DX0-M
31
CCP-47DX0-MS
32
CCP-47DX0-R
33
CCP-47DX0-RM
34
CCP-47DX0-RMS
35
CCP-47DX0-RS
36
CCP-47DX0-S
37
CCP-47DX0-T
38
CCP-47DX0-TM
39
CCP-47DX0-TMS
40
CCP-47DX0-TS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com