Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-47DXC-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCP-47DXC-R
Description  Failsafe TRANSFER Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-47DXC-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCP-47DXC-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-47DXC-R Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-47N Page 1
CCP-47N\072013\Q3
Series CCP-47D
Low PIM DC–3 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
TRANSFER,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
20 ms (max.)
Recovery Time
100 ms (min.)
Cycle Rate
2 CPS (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
160 130 80
60 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
7/16 DIN
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PART NUMBERING SYSTEM
Connector
D: 7/16 Female
Actuator Voltage
1: 28 Vdc Failsafe
2: 15 Vdc Failsafe
3: 12 Vdc Failsafe
4: 24 Vdc Failsafe
Actuator Type
0: Standard Contacts
C: Indicator Contacts
**SEE PARTS LIST ON PAGES 6
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCP-47
D
1
C
-
T **
Series
Connectors
Actuator Type
Options
For additional options, contact factory.
PART NUMBER
DESCRIPTION
CCP-47D
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
These switches have extremely low passive intermodulation for use in narrow bandwidth communications
applications. The CCP-47D is a broadband, transfer, electromechanical, coaxial switch designed to
switch a microwave signal from a common input to either of two outputs. The characteristic impedance is
50 Ohms.
The CCP-47D series switch is offered with a failsafe actuator and a 7/16 DIN female connector.
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.3
Isolation, dB, min.
70
VSWR , max.
1.30:1
RF Power (cw), W, max.
200
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
165.9
165.5


Similar Part No. - CCP-47DXC-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-47DXC-R WILLOW-CCP-47DXC-R Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-47DXC-RM WILLOW-CCP-47DXC-RM Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-47DXC-RMS WILLOW-CCP-47DXC-RMS Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-47DXC-RS WILLOW-CCP-47DXC-RS Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
More results

Similar Description - CCP-47DXC-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
SMA TRANSFER RELAY SWITCH FAILSAFE
logo
Teledyne Technologies I...
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
Failsafe SPDT Coaxial Switch
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
Failsafe SPDT Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com