Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX65 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # BPX65
Description  High speed photo detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX65 Datasheet(HTML) 3 Page - OSRAM GmbH

  BPX65 Datasheet HTML 1Page - OSRAM GmbH BPX65 Datasheet HTML 2Page - OSRAM GmbH BPX65 Datasheet HTML 3Page - OSRAM GmbH BPX65 Datasheet HTML 4Page - OSRAM GmbH BPX65 Datasheet HTML 5Page - OSRAM GmbH BPX65 Datasheet HTML 6Page - OSRAM GmbH BPX65 Datasheet HTML 7Page - OSRAM GmbH BPX65 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Version 1.3
BPX 65
2015-12-23
3
Temperature coefficient of VO
(typ)
TCV
-2.6
mV / K
Temperature coefficient of ISC
(Std. Light A)
(typ)
TCI
0.18
% / K
Noise equivalent power
(V
R = 20 V, λ = 850 nm)
(typ)
NEP
0.033
pW /
Hz½
Detection limit
(typ)
D*
3.1e12
cm x
Hz
½ / W
Relative Spectral Sensitivity 1) page 7
Srel = f(λ)
Photocurrent / Open-Circuit Voltage 1) page 7
IP (VR = 5 V) / VO = f(Ev)
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com