Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX65 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPX65
Description  High speed photo detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX65 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPX65 Datasheet HTML 1Page - OSRAM GmbH BPX65 Datasheet HTML 2Page - OSRAM GmbH BPX65 Datasheet HTML 3Page - OSRAM GmbH BPX65 Datasheet HTML 4Page - OSRAM GmbH BPX65 Datasheet HTML 5Page - OSRAM GmbH BPX65 Datasheet HTML 6Page - OSRAM GmbH BPX65 Datasheet HTML 7Page - OSRAM GmbH BPX65 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2015-12-23
1
2015-12-23
Silicon PIN Photodiode
Version 1.3
BPX 65
Ordering Information
Features:
•
Wavelength range (S
10%) 350 nm to 1100 nm
•
Short switching time (typ. 12 ns)
•
Hermetically sealed metal can package (TO-18), suitable up to 125 °C
Applications
•
Industrial electronics
•
For control and drive circuits
•
High speed photo detector
Type:
Photocurrent
Ordering Code
IP [µA]
Ev = 1000 lx, Std. Light A, VR
= 5 V
BPX 65
10 (≥ 5.5)
Q62702P0027


Similar Part No. - BPX65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
More results

Similar Description - BPX65

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
logo
Fairchild Semiconductor
KDT00030 FAIRCHILD-KDT00030 Datasheet
160Kb / 4P
Phototransistor Photo Detector
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com