Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54543AFP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54543AFP
Description  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54543AFP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54543AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER
WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AFP
MITSUBISHI <CONTROL / DRIVER IC>
tB
Motor braking interval
t j (shut)
Thermal shutdown
temperature
VCC’(1)
VCC(1)
V
mA
V
V
˚C
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C, unless otherwise noted)
Symbol
Ratings
Unit
Parameter
Conditions
-0.5
– +16
0
– VCC
±700
mW
mA
mA
RECOMMENDED OPERATING CONDITION (Ta=25
°C, unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
VCC
Supply voltage
4
Continuous output current
±100
2
0.4
IO
VIH
VIL
“H” input voltage
“L” input voltage
±150
200
°C
°C
0
10
12
100
150
15
VCC
ms
VI
VO
IO(max)
IO(1)
Pd
Topr
Tstg
Supply voltage (1)
Output supply voltage (1)
Input voltage
Output voltage
Allowable motor rush current
Continuous output current(1)
Power dissipation
Operating temperature
Storage temperature
tCC=10ms : cycle time 0.2Hz or less
Ta=75˚C
-0.5
– +16
-0.5
– VCC+2.5
-10
– 75
-55
– 75
V
V
V
V
µA
ELECTRICAL CHARACTERISTICS (Ta=25
°C, unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
IO(leak)
Output leak current
100
VOH
“H” output saturation
voltage
VOL
“L” output saturation
voltage
VO1-O2
Voltage between
outputs (1) and (2)
(Voltage across motors)
II
Input current
ICC
Supply current
VCC=VCC’=16V
VI1=VI2=0V
VO=16V
VO=0V
IOL=50mA
IOL=100mA
VCC=VCC’=12V
VI1=2V, VI2=0V
or VI1=0V, VI2=2V
VCC=VCC’=12V, VI1=2V, VI2=0V
or VI1=0V, VI2=2V
IO=
±100mA, VO1-VO2=VOH1-VOL2
VCC=VCC’=12V, VI=2V
VCC=VCC’=12V
Output open
VI1=2V, VI2=0V
VI1=0V, VI2=2V
VI1=2V, VI2=2V
VI1=0V, VI2=0V
11.0
10.9
50
11.25
11.20
0.05
0.1
9.6
0.2
0.4
120
20
4
V
V
V
µA
mA
FUNCTION
The M54543AFP is an IC for driving a smallsize bi-directional
motor that rotates in both forward and reverse directions. When
both inputs 1 and 2 are set to low-level, outputs 1 and 2 are set to
“OFF”. When input 1 is set to high-level and input 2 is set to low-
level, output 1 is set to high-level and output 2 is set to low-level
(forward rotation status). When input 1 is set to low-level and input
2 is set to high-level, output 1 is set to low-level and output 2 is set
to high-level (reverse rotation). When both inputs 1 and 2 are set to
high-level, both outputs 1 and 2 are set to low-level (brake status).
The power supply (VCC) to the control circuit and the power supply
(VCC’) for output are independently provided. The rotating speed of
the motor can be therefore changed by using VCC and VCC’as
different power supplies and by making VCC or VCC’ variable.
In addition, built-in thermal protection circuit protects the IC from
thermal destruction in case of abnormal condition such as motor
blocking.
IOH=-50mA
IOH=-100mA
VCC=VCC’=12V
VI1=0V, VI2=2V
or VI1=2V, VI2=0V
However, indicates the junction temperature only in the case of
VCC
≥7V.
5
Input
Output
Remarks
IN1
IN2
LL
HL
LH
HH
“OFF” state “OFF” state
HL
LH
LL
O1
O2
No operation of IC
ex Forward rotation
ex Reverse rotation
Brake
LOGIC TRUTH TABLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com