Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54543AFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M54543AFP
Description  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54543AFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M54543AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER
WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AFP
MITSUBISHI <CONTROL / DRIVER IC>
TYPICAL CHARACTERISTICS
Thermal Derating (Absolute Maximum Rating)
Ambient Temperature Ta (
°C)
0.8
0.6
0.4
0.2
0
0
25
50
75
100
“H” Output Saturation Characteristics
“H” Output Voltage VCC’– VOH (V)
-200
0
0
0.2
0.4
0.6
0.8
-100
1.0
VCC=VCC’=12V
Ta=75˚C
Ta=25˚C
“L” Output Saturation Characteristics
“L” Output Voltage VOL (V)
0
0
0.2
0.4
200
100
0.1
0.3
0.5
0.7
M54543AFP
Ta=-20˚C
VCC=VCC’=12V
Ta=75˚C
Ta=25˚C
Ta=-20˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com