Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS80N10F Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS80N10F
Description  N-CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS80N10F Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS80N10F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
R
JCS80N10F
版本:201510C
2/11
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
*漏极电流由最高结温限制
*Drain current limited by maximum junction temperature
Parameter
Symbol
Value
Unit
JCS80N10C
F/SF/WF
JCS80N
10FF
最高漏极-源极直流电压
Drain-Source Voltage
V
B
DSSB
100
V
连续漏极电流
Drain Current-continuous
I
B
D
B
T=25℃
T=100℃
80
38
A
66
27
A
最大脉冲漏极电流(注 1)
Drain Current – pulse(note 1)
I
B
DMB
320
152
A
最高栅源电压
Gate-Source Voltage
V
B
GSSB
±20
V
单脉冲雪崩能量(注 2)
Single Pulsed Avalanche Energy(note 2)
E
B
ASB
1472
mJ
雪崩电流(注 1)
Avalanche Current(note 1)
I
B
ARB
80
A
重复雪崩能量(注 1)
Repetitive Avalanche Energy
(note 1)
E
B
ARB
25.4
4.3
mJ
二极管反向恢复最大电压变化速率(注 3)
Peak Diode Recovery Dv/dt
(note 3)
dv/dt
9.0
V/ns
耗散功率
Power Dissipation
P
B
D
B
T
B
CB=25℃
-Derate
above 25℃
254
43
W
1.69
0.29
W/℃
最高结温及存储温度
Operating and StorageTemperature Range
T
B
JB,TBSTGB
-55~+175
引线最高焊接温度
Maximum LeadTemperature for Soldering
Purposes
T
B
LB
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com