Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS80N10F Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS80N10F
Description  N-CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS80N10F Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS80N10F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
R
JCS80N10F
版本:201510C
3/11
电特性 ELECTRICAL CHARACTERISTICS
Parameter
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最 大
Max
单 位
Units
关态特性 Off –Characteristics
漏-源击穿电压
Drain-Source Voltage
BV
B
DSSB
I
B
DB=250μA, VBGSB=0V
100
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBV
B
DSSB
T
B
JB
I
B
DB=1mA, referenced to 25℃
-
0.13
-
V/℃
零栅压下漏极漏电流
Zero Gate Voltage Drain Current
I
B
DSSB
V
B
DSB=100V,VBGSB=0V,TBCB=25℃
-
-
1
μA
V
B
DSB=80V,
T
B
CB=125℃
-
-
10
μA
正向栅极体漏电流
Gate-body leakage current, forward
I
B
GSSFB
V
B
DSB=0V,
V
B
GSB =20V
-
-
100
nA
反向栅极体漏电流
Gate-body leakage current, reverse
I
B
GSSRB
V
B
DSB=0V,
V
B
GSB =-20V
-
-
-100
nA
通态特性 On-Characteristics
阈值电压
Gate Threshold Voltage
V
B
GS(th)B
V
B
DSB = VBGSB ,
I
B
DB=250μA
2.0
-
4.0
V
静态导通电阻
Static Drain-Source On-Resistance
R
B
DS(ON)B
V
B
GSB =10V ,
I
B
DB=40A
-
9.7
12
mΩ
栅极电阻 Gate Resistance
RG
f=1.0MHZ , open drain
3.5
正向跨导
Forward Transconductance
g
B
fsB
V
B
DSB = 25V , IBDB=40A
(note 4) -
64
-
S
动态特性 Dynamic Characteristics
输入电容
Input capacitance
C
B
issB
V
B
DSB=25V,
V
B
GSB =0V,
f=1.0MH
B
ZB
-
5960
-
pF
输出电容
Output capacitance
C
B
ossB
-
580
-
pF
反向传输电容
Reverse transfer capacitance
C
B
rssB
-
252
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com