Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH3421B-R-L-N-A Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JH3421B-R-L-N-A
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JH3421B-R-L-N-A Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JH3421B-R-L-N-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-L-N-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R
非隔离降压型 LED 恒流驱动芯片
JH3421B
版本:
201511A
芯片内部框图
图 3 JH3421B 内部框图
极限参数(注 1)
符号
参数
参数范围
单位
ICC_MAX
VCC引脚最大电源电流
5
mA
DRAIN
内部高压功率管漏极到源极峰值电压
-0.3
~500
V
CS
电流采样端
-0.3
~6
V
ROVP
开路保护电压调节端
-0.3
~6
V
0.45 (SOP-8)
PDMAX
功耗(注 2)
0.9
(DIP-8)
W
145 (SOP-8)
θJA
PN结到环境的热阻
80 (DIP-8)
℃/W
TJ
工作结温范围
-40 to 150
℃
TSTG
储存温度范围
-55 to 150
℃
ESD (注 3)
2
KV
注1:最大极限值是指超出该工作范围,芯片有可能损坏。推荐工作范围是指在该范围内,器件功能正常,但并不完全
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com