Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR340KF Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR340KF
Description  SCHOTTKY BARRIER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR340KF Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR340KF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR340KF Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本(Rev.):201601E
1/9
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
MBR340
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
MBR340DR
MBR340
DO-201AD
YES
编带 Tape
1.1g(approx.)
MBR340D
MBR340
DO-201AD
NO
编带 Tape
1.1g(approx.)
MBR340XR
MBR340
SMA
YES
编带 Tape
0.071g(approx.)
MBR340X
MBR340
SMA
NO
编带 Tape
0.071g(approx.)
MBR340KFR
MBR340
SMBF
YES
编带 Tape
0.075g(approx.)
MBR340KF
MBR340
SMBF
NO
编带 Tape
0.075g(approx.)
MBR340KR
MBR340
SMB
YES
编带 Tape
0.096g(approx.)
MBR340K
MBR340
SMB
NO
编带 Tape
0.096g(approx.)
MBR340PR
MBR340
SMC
YES
编带 Tape
0.24g(approx.)
MBR340P
MBR340
SMC
NO
编带 Tape
0.24g(approx.)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
3A
VRRM
40 V
Tj
150 ℃
VF(max)
0.48V (@Tj=125℃)
封装 Package
用途
l 低压、高频整流
l 低压续流电路和保护电
APPLICATIONS
l Low voltage, high
frequency rectifier
l Free wheeling diodes,
polarity protection
applications
产品特性
l轴向及贴片结构
l低功耗,高效率
l良好的高温特性
l有过压保护环,高可靠性
l环保(RoHS)产品
FEATURES
lAxial Lead and Surface Mounting Rectifier
lLow power loss, high efficiency
lHigh Operating Junction
Temperature
lGuard ring for overvoltage
protection,High reliability
lRoHS product
订货信息 ORDER MESSAGE
SMA
SMB
SMBF
SMC
DO-201AD


Similar Part No. - MBR340KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR340 ETC-MBR340 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
International Rectifier
MBR340 IRF-MBR340 Datasheet
33Kb / 5P
SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Motorola, Inc
MBR340 MOTOROLA-MBR340 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
60Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 7
More results

Similar Description - MBR340KF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com