Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13381 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13381
Description  Angela series
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13381 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13381 Datasheet HTML 1Page - Ledil, Inc. F13381 Datasheet HTML 2Page - Ledil, Inc. F13381 Datasheet HTML 3Page - Ledil, Inc. F13381 Datasheet HTML 4Page - Ledil, Inc. F13381 Datasheet HTML 5Page - Ledil, Inc. F13381 Datasheet HTML 6Page - Ledil, Inc. F13381 Datasheet HTML 7Page - Ledil, Inc. F13381 Datasheet HTML 8Page - Ledil, Inc. F13381 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 219 page
background image
PRODUCT DATASHEET
Angela series
last update 28/9/2017
DETAILS
Product Number
F13381_ANGELA-W
Family
Angela
Type
Reflector
Color
metal
Diameter
119,5 mm
Height
74,27 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
28/09/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
34 deg
Wide
83 %
1.600
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
V22 Gen7
sim: 34
Wide
sim: 93 % sim: 2.260 IDEAL: 50-2204-CT + 50-2100AN
V13 Gen7
sim: 32
Wide
sim: 89 % sim: 2.500 IDEAL: 50-2103CT + 50-2100AN
VERO29
46 deg
Wide
82 %
1.190
LEDiL: LEDiL
VERO18
38 deg
Wide
84 %
1.500
LEDiL: LEDiL
VERO13
33 deg
Wide
86 %
1.700
LEDiL: LEDiL
V15 Gen6
35 deg
Wide
84 %
1.700
Bender Wirth: 456 Typ L2
V10 Gen7
sim: 34
Wide
sim: 89 % sim: 2.300 Bender Wirth: 434 Typ L1
V13 Gen7
37 deg
Wide
78 %
1.400
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
VERO29
48 deg
Wide
78 %
1.080
-
CLL03x/CLU03x
30 deg
Wide
83 %
1.800
IDEAL: 50-2103CT + 50-2100AN
CLU720/721
29 deg
Wide
85 %
1.800
IDEAL: 50-2103CT + 50-2100AN
CLU720/721
32 deg
Wide
85 %
1.700
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CLL04x/CLU04x
39 deg
Wide
83 %
1.400
Bender Wirth: 431 Typ L3
CLU720/721
34 deg
Wide
82 %
1.600
Bender Wirth: 433 Typ L1
CLL03x/CLU03x
36 deg
Wide
82 %
1.500
Bender Wirth: 433 Typ L1
CLU700/701
30 deg
Wide
82 %
1.800
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
33 deg
Wide
83 %
1.700
Bender Wirth: 434 Typ L1
CXA/B 3590
44 deg
Wide
84 %
1.260
IDEAL: 50-2303CR + 50-2300AN
CXA/B 1830
sim: 35
Wide
sim: 87 % sim: 2.200 TE: 2213401-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CXA/B 1816 & CXA/B 1820 & CXA 1850 34 deg
Wide
82 %
1.600
Bender Wirth: 437 Typ L1
CXA/B 15xx
31 deg
Wide
83 %
1.800
Bender Wirth: 441 Typ L1
CXA/B 25xx
38 deg
Wide
84 %
1.400
LEDiL: LEDiL
CXA/B 30xx
41 deg
Wide
84 %
1.400
-
CXA/B 15xx
33 deg
Wide
84 %
1.900
LEDiL: LEDiL
January 22nd 2018 7:54 Copyright Ledil Oy - Subject to change without prior notice - Page 1/34
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F13381

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F13381 CREE-F13381 Datasheet
5Mb / 108P
ANGELA series
More results

Similar Description - F13381

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13706 CREE-FCN13706 Datasheet
2Mb / 40P
ANGELA series
FCN14381 CREE-FCN14381 Datasheet
560Kb / 7P
ANGELA series
F13379 CREE-F13379 Datasheet
5Mb / 100P
ANGELA series
F13380 CREE-F13380 Datasheet
5Mb / 108P
ANGELA series
F13663 CREE-F13663 Datasheet
5Mb / 100P
ANGELA series
F13840 CREE-F13840 Datasheet
5Mb / 88P
ANGELA series
FC13980 CREE-FC13980 Datasheet
2Mb / 17P
ANGELA series
FC13983 CREE-FC13983 Datasheet
2Mb / 15P
ANGELA series
FC13987 CREE-FC13987 Datasheet
2Mb / 17P
ANGELA series
logo
Ledil, Inc.
F13379 LEDIL-F13379 Datasheet
9Mb / 209P
Angela series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com