Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13381 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F13381
Description  Angela series
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13381 Datasheet(HTML) 2 Page - Ledil, Inc.

  F13381 Datasheet HTML 1Page - Ledil, Inc. F13381 Datasheet HTML 2Page - Ledil, Inc. F13381 Datasheet HTML 3Page - Ledil, Inc. F13381 Datasheet HTML 4Page - Ledil, Inc. F13381 Datasheet HTML 5Page - Ledil, Inc. F13381 Datasheet HTML 6Page - Ledil, Inc. F13381 Datasheet HTML 7Page - Ledil, Inc. F13381 Datasheet HTML 8Page - Ledil, Inc. F13381 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 219 page
background image
PRODUCT DATASHEET
Angela series
last update 28/9/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CXA/B 1816 & CXA/B 1820 & CXA 1850 36 deg
Wide
84 %
1.800
LEDiL: LEDiL
CHI3030 19W
40 deg
Wide
80 %
1.400
Bender Wirth: 468 Typ L3
CHI3030 29W
43 deg
Wide
80 %
1.300
Bender Wirth: 468 Typ L3
LUXEON CoB 1204/1205
33 deg
Wide
84 %
1.680
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1208
34 deg
Wide
84 %
1.660
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1208
34 deg
Wide
82 %
1.600
IDEAL: 50-2100SH + 50-2100AN
LUXEON CoB 1211
37 deg
Wide
82 %
1.500
IDEAL: 50-2204-CT + 50-2100AN
LUXEON S2000
34 deg
Wide
84 %
1.900
LEDiL: LEDiL
LUXEON S3000
34 deg
Wide
84 %
1.800
LEDiL: LEDiL
LUXEON S5000
37 deg
Wide
85 %
1.700
LEDiL: LEDiL
LUXEON CoB 1211
39 deg
Wide
83 %
1.400
Bender Wirth: 431 Typ L3
LUXEON CoB 1202/1203
31 deg
Wide
83 %
1.700
Bender Wirth: 438 Typ L1
LUXEON K12
37 deg
Wide
82 %
1.500
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON K16
38 deg
Wide
83 %
1.400
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CXM-14
34 deg
Wide
84 %
1.660
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CXM-14
NULL deg
Wide
sim: 82 % sim: 1.500 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
Wide
sim: 83 % sim: 1.700 Bender Wirth: 434 Typ L1
COB L-Type (LES 11)
35 deg
Wide
85 %
1.610
Molex: 180580-0005
COB L-Type (LES 11)
28 deg
Wide
87 %
2.300
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
COB J-Type
33 deg
Wide
82 %
1.790
IDEAL: 50-2103NC + 50-2100AN
COB L-Type (LES 9)
31 deg
Wide
84 %
1.800
Bender Wirth: 438 Typ L1
COB J-Type
36 deg
Wide
82 %
1.500
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
34 deg
Wide
82 %
1.600
Bender Wirth: 438 Typ L1
COB J-Type
35 deg
Wide
79 %
1.400
IDEAL: 50-2103NC + 50-2100AN
PrevaLED Core Z3 LES9
28 deg
Wide
84 %
1.960
TE: OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core Z3 LES19
33 deg
Wide
83 %
1.650
TE: OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core Z3 LES23
38 deg
Wide
85 %
1.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S13
33 deg
Wide
85 %
1.800
TE: 2213401-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S19
35 deg
Wide
84 %
1.610
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core AC (LEP-800)
29 deg
Wide
84 %
1.880
TE: OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core AC (LEP-2000)
34 deg
Wide
84 %
1.670
TE: OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core Z4 LES19
34 deg
Wide
84 %
1.700
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq P13
33 deg
Wide
84 %
1.660
TE: 2213401-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S15
sim: 36
Wide
sim: 89 % sim: 1.954 TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S19
35 deg
Wide
82 %
1.600
Bender Wirth: 462 Typ L3
Soleriq P9
32 deg
Wide
86 %
1.700
Bender Wirth: 461 Typ L1
Soleriq P13
34 deg
Wide
86 %
1.600
Bender Wirth: 437 Typ L1
Soleriq S13
35 deg
Wide
82 %
1.600
Bender Wirth: 437 Typ L1
PrevaLED Core Z4 LES19
38 deg
Wide
78 %
1.400
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L9 G4 standard
30 deg
Wide
84 %
1.800
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L13 G4 standard
32 deg
Wide
84 %
1.700
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L15 G4 standard
34 deg
Wide
84 %
1.600
TE: OPTIC CLIP Z50 TYPE1 2213194-1
January 22nd 2018 7:54 Copyright Ledil Oy - Subject to change without prior notice - Page 2/34
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com