Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC02A1DPTH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24AC02A1DPTH
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC02A1DPTH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24AC02A1DPTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ACE24AC02A1
Two-wire Serial EEPROM
VER 1.4
4
B.
Start Conditions
With SCL ≥ VIH, a SDA transition from high to low is interpreted as a start condition. All valid
commands must begin with a start condition.
C.
Stop Condition
With SCL ≥ VIH, a SDA transition from low to high is interpreted as a stop condition. All valid read or
write commands end with a stop condition. The device goes into the standby mode if it is after a read
command. A stop condition after page or byte write command will trigger the chip into the standby
mode after the self-timed internal programming finish.
D.
Acknowledge
The 2-wire protocol transmits address and data to and from the EEPROM in 8 bit words. The
EEPROM acknowledge the data or address by outputting a "0" after receiving each word. The
acknowledge signal occurs on the 9th serial clock after each word.
E.
Standby Mode
The EEPROM goes into low power standby mode after a fresh power up, after receiving a stop bit in
read mode, or after completing a self-time internal programming operation.
Figure 3: Timing Diagram For Start And Stop Conditions
Figure 4: Timing Diagram For Output Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com