Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC02A1DPTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24AC02A1DPTH
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC02A1DPTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24AC02A1DPTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC02A1DPTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ACE24AC02A1
Two-wire Serial EEPROM
VER 1.4
1
Description
The ACE24AC02A1 is 2048 bits of serial Electrical Erasable and Programmable Read Only
Memory, commonly known as EEPROM. They are organized as 256 words of 8 bits (1 byte) each.
The devices are fabricated with proprietary advanced CMOS process for low power and low voltage
applications. These devices are available in standard SOP-8、TSSOP-8、MSOP-8、DIP-8、TDFN-8 and
SOT23-5 packages. A standard 2-wire serial interface is used to address all read and write functions.
Our extended V
CC range (1.8V to 5.5V) devices enables wide spectrum of applications.
Features
Low voltage and low power operations:
ACE24AC02A1: VCC = 1.8V to 5.5V, Industrial temperature range (-40℃to 85℃).
Maximum Standby current < 1µA
16 bytes page write mode.
Partial page write operation allowed.
Internally organized: 256 ×8 (2K).
Standard 2-wire bi-directional serial interface.
Schmitt trigger, filtered inputs for noise protection.
Self-timed programming cycle (5ms maximum).
1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility.
Automatic erase before write operation.
High reliability: typically 1,000,000 cycles endurance.
100 years data retention.
Standard SOP-8、TSSOP-8、MSOP-8、DIP-8、TDFN-8 and SOT23-5 Pb-free packages.
Absolute Maximum Ratings
Industrial operating temperature
-40℃to 85℃
Storage temperature
-50℃ to 125℃
Input voltage on any pin relative to ground
-0.3V to VCC + 0.3V
Maximum voltage
8V
ESD protection on all pins
>2000V
*Notice: Stresses exceed those listed under “Absolute Maximum Rating” may cause permanent damage to the device. Functional
operation of the device at conditions beyond those listed in the specification is not guaranteed. Prolonged exposure to extreme
conditions may affect device reliability or functionality.


Similar Part No. - ACE24AC02A1DPTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24AC02A3 ACE-ACE24AC02A3 Datasheet
1Mb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24AC02A3BNTH ACE-ACE24AC02A3BNTH Datasheet
1Mb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24AC02A3BNUH ACE-ACE24AC02A3BNUH Datasheet
1Mb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24AC02A3C ACE-ACE24AC02A3C Datasheet
806Kb / 18P
Two-wire Serial EEPROM
VER 1.1
ACE24AC02A3DMTH ACE-ACE24AC02A3DMTH Datasheet
1Mb / 17P
Two-wire Serial EEPROM
VER 1.3
More results

Similar Description - ACE24AC02A1DPTH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com