Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA02TMTH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24LA02TMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA02TMTH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24LA02TMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA02TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
1
Description
The ACE24LA02.04.08.16A provides 2048/4096/8192/16384 bits of serial electrically erasable and
programmable read- only memory (EEPROM), organized as 256/512/1024/2048 words of 8 bits each.
The device is optimized for use in many industrial and commercial applications where low-power and
low-voltage operation are essential.
Features
Compatible with all I2C bidirectional data transfer protocol
Memory array:
2K bits (256X 8) / 4K bits (512 X 8) / 8K bits (1024 X 8) / 16K bits (2048 X 8) of EEPROM
Page size: 16 bytes
Single supply voltage and high speed:1 MHz
Random and sequential Read modes
Write:
Byte Write within 3 ms
Page Write within 3 ms
Partial Page Writes Allowed
Write Protect Pin for Hardware Data Protection
Schmitt Trigger, Filtered Inputs for Noise Suppression
High-reliability
Endurance: 1 Million Write Cycles
Data Retention: 100 Years
Enhanced ESD/Latch-up protection
HBM 8000V
8-lead PDIP/SOP/TSSOP/USON3*2-8 and CSP4 packages
Absolute Maximum Ratings
DC Supply Voltage
-0.3V to 6.5V
Input / Output Voltage
GND-0.3V to VCC+0.3V
Operating Temperature
-40℃ to 85℃
Storage Temperature
-65℃ to 150℃
Electrostatic pulse (Human Body model)
8000V
Notice: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are
stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the
operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions
for extended periods may affect device reliability.


Similar Part No. - ACE24LA02TMTH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24LA02.04.08.16A ACE-ACE24LA02.04.08.16A Datasheet
1Mb / 18P
Two-wire Serial EEPROM
VER 1.1
More results

Similar Description - ACE24LA02TMTH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com